Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1332 Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SS1332
Description  Unipolar Hall Switch-Low Sensitivity
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS1332 Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SS1332 Datasheet HTML 1Page - SEC Electronics Inc. SS1332 Datasheet HTML 2Page - SEC Electronics Inc. SS1332 Datasheet HTML 3Page - SEC Electronics Inc. SS1332 Datasheet HTML 4Page - SEC Electronics Inc. SS1332 Datasheet HTML 5Page - SEC Electronics Inc. SS1332 Datasheet HTML 6Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SS1332
Unipolar Hall Switch-Low Sensitivity
1
V3.10
Nov 1, 2013
Packages
Features and Benefits
3 pin SOT23 (suffix SO)
3 pin SIP (suffix UA)
–
3.5V to 24V Operation
–
-40°C to 150°C Superior temperature operation
–
CMOS technology
–
Low current consumption
–
Chopper-stabilized amplifier stage
–
Open drain output
–
Low sensitivity
–
Small Size SOT23 3L and SIP 3L
both RoHS compliant packages
Functional Block Diagram
Application Examples
–
Automotive, Consumer and Industrial
–
Solid-state switch
–
Brushless DC motor commutation
–
Speed detection
–
Angular position detection
–
Proximity detection
–
Current detector
General Description
The SS1332 is a unipolar Hall-effect sensor IC fabri-
cated from CMOS technology. The device integrates a
voltage regulator, Hall sensor with dynamic offset can-
cellation system, small signal amplifier, Schmitt trigger
and an open-drain output driver. With suitable output
pull up, they can be used with bipolar or CMOS logic
circuits.
These Hall-effect switches are monolithic integrated circuits with tighter magnetic specifications, designed to oper-
ate continuously over extended temperatures to +150°C, and are more stable with both temperature and supply volt-
age changes. The unipolar switching characteristic makes these devices ideal for use with a simple bar or rod mag-
net.
Thanks to its wide operating voltage range and extended choice of temperature range, it is quite suitable for use in
automotive, industrial and consumer applications.
The device is delivered in a Small Outline Transistor (SOT) or in a Plastic Single In Line ( SIP 3L flat). Both
3-lead packages are RoHS compliant.
VDD
OUT
Voltage
Regulator
Chopper
Hall
Plate
GND
SIP Package
SOT Package
Pin 1 – VDD
Pin 1 – VDD
Pin 2 – GND
Pin 2 – OUT
Pin 3 – OUT
Pin 3 – GND


Similar Part No. - SS1332

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS133 SECELECTRONICS-SS133 Datasheet
234Kb / 6P
Unipolar Hall-Effect Digital Switch
SS1331 SECELECTRONICS-SS1331 Datasheet
309Kb / 7P
Unipolar Hall Switch-Low Sensitivity
SS1331ESOT SECELECTRONICS-SS1331ESOT Datasheet
309Kb / 7P
Unipolar Hall Switch-Low Sensitivity
SS1331EUA SECELECTRONICS-SS1331EUA Datasheet
309Kb / 7P
Unipolar Hall Switch-Low Sensitivity
SS1331KSOT SECELECTRONICS-SS1331KSOT Datasheet
309Kb / 7P
Unipolar Hall Switch-Low Sensitivity
More results

Similar Description - SS1332

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US5881 MELEXIS-US5881 Datasheet
444Kb / 11P
Unipolar Hall Switch - Low Sensitivity
logo
SEC Electronics Inc.
SS5681 SECELECTRONICS-SS5681 Datasheet
199Kb / 7P
Unipolar Hall Switch-Low Sensitivity
S5881-AA SECELECTRONICS-S5881-AA Datasheet
353Kb / 7P
Unipolar Hall Switch-Low Sensitivity
SS139 SECELECTRONICS-SS139 Datasheet
223Kb / 5P
Unipolar Hall Switch-Low Sensitivity
SS159 SECELECTRONICS-SS159 Datasheet
223Kb / 5P
Unipolar Hall Switch-Low Sensitivity
SS1101-A SECELECTRONICS-SS1101-A_13 Datasheet
247Kb / 7P
Unipolar Hall Switch-Low Sensitivity
SS1102 SECELECTRONICS-SS1102_13 Datasheet
276Kb / 7P
Unipolar Hall Switch-Low Sensitivity
SS1104 SECELECTRONICS-SS1104_13 Datasheet
257Kb / 7P
Unipolar Hall Switch-Low Sensitivity
SS1348 SECELECTRONICS-SS1348 Datasheet
224Kb / 6P
Unipolar Hall Switch-Low Sensitivity
SS5881_1311 SECELECTRONICS-SS5881_1311 Datasheet
245Kb / 7P
Unipolar Hall Switch-Low Sensitivity
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com