Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1376 Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # SS1376
Description  Unipolar Hall Switch-Low Sensitivity
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS1376 Datasheet(HTML) 2 Page - SEC Electronics Inc.

  SS1376 Datasheet HTML 1Page - SEC Electronics Inc. SS1376 Datasheet HTML 2Page - SEC Electronics Inc. SS1376 Datasheet HTML 3Page - SEC Electronics Inc. SS1376 Datasheet HTML 4Page - SEC Electronics Inc. SS1376 Datasheet HTML 5Page - SEC Electronics Inc. SS1376 Datasheet HTML 6Page - SEC Electronics Inc. SS1376 Datasheet HTML 7Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SS1376
Unipolar Hall Switch-Low Sensitivity
2
V3.10
Nov 1, 2013
General Description
The SS1376 is a unipolar Hall-effect sensor IC
fabricated from CMOS technology. The device
integrates a voltage regulator, Hall sensor with
dynamic offset cancellation system, small signal
amplifier, Schmitt trigger and an open-drain output
driver. With suitable output pull up, they can be
used with bipolar or CMOS logic circuits.
These Hall-effect switches are monolithic integrat-
ed circuits with tighter magnetic specifications,
designed to operate continuously over extended
temperatures to +150°C,and are more stable with
both temperature and supply voltage changes. The
unipolar
switching
characteristic
makes
these
devices ideal for use with a simple bar or rod
magnet.Thanks to its wide operating voltage range
and extended choice of temperature range, it is
quite suitable for use in automotive, industrial and
consumer applications.
The device is delivered in a Small Outline
Transistor (SOT) or in a Plastic Single In Line (SIP
3L flat). Both 3-lead packages are RoHS compliant.
Glossary of Terms
MilliTesla (mT), Gauss
Units of magnetic flux density: 1mT = 10 Gauss
RoHS
Restriction of Hazardous Substances
Operating Point (BOP)
Magnetic flux density applied on the branded side of the package which turns the
output driver ON (VOUT = VDSon)
Release Point (BRP)
Magnetic flux density applied on the branded side of the package which turns the
output driver OFF (VOUT = high)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com