Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1636EUA Datasheet(PDF) 3 Page - SEC Electronics Inc.

Part # SS1636EUA
Description  Unipolar Hall Switch-High sensitivity
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS1636EUA Datasheet(HTML) 3 Page - SEC Electronics Inc.

  SS1636EUA Datasheet HTML 1Page - SEC Electronics Inc. SS1636EUA Datasheet HTML 2Page - SEC Electronics Inc. SS1636EUA Datasheet HTML 3Page - SEC Electronics Inc. SS1636EUA Datasheet HTML 4Page - SEC Electronics Inc. SS1636EUA Datasheet HTML 5Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SS1636
Unipolar Hall Switch-High sensitivity
3
V3.10
Nov 1, 2013
General Electrical Specifications
DC Operating Parameters TA = 25°C, VDD= 2.5V to 5.5V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Voltage
VDD
Operating
2.5
3
5.5
V
Supply Current
IDD
B < BRP
45
μA
Output Current
IOUT
1.0
mA
Saturation Voltage
VSAT
IOUT=1mA
0.4
V
Awake mode time
TAW
Operating
20
µs
Sleep mode time
TSL
Operating
600
µs
Magnetic Specifications
Package
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
UA
Operating Point
BOP
Ta=25°C,Vdd=12V DC
30
60
100
G
Release Point
BRP
10
50
80
G
Hysteresis
BHYST
30
G
ST
Operating Point
BOP
Ta=25°C,Vdd=12V DC
-100
-60
-30
G
Release Point
BRP
-80
-50
-10
G
Hysteresis
BHYST
30
G
Output Behavior versus Magnetic Pole
DC Operating Parameters TA = -40°C to 150°C, VDD = 2.5V to 5.5V (unless otherwise specified)
Test Conditions (UA)
Test Conditions (ST)
OUT
B < BRP
B > BRP
High
B > BOP
B < BOP
Low
The SOT-23 device is reversed from the UA package. The SOT-23 output transistor will be turned on(drops low) in the
presence of a sufficiently strong North pole magnetic field applied to the marked face.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com