Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS2015EUA Datasheet(PDF) 6 Page - SEC Electronics Inc.

Part # SS2015EUA
Description  CMOS High Sensitivity Micropower Hall Latch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS2015EUA Datasheet(HTML) 6 Page - SEC Electronics Inc.

  SS2015EUA Datasheet HTML 1Page - SEC Electronics Inc. SS2015EUA Datasheet HTML 2Page - SEC Electronics Inc. SS2015EUA Datasheet HTML 3Page - SEC Electronics Inc. SS2015EUA Datasheet HTML 4Page - SEC Electronics Inc. SS2015EUA Datasheet HTML 5Page - SEC Electronics Inc. SS2015EUA Datasheet HTML 6Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SS2015
CMOS High Sensitivity Micropower Hall Latch
6
V3.10
Nov 1, 2013
Package Information
Package UA, 3-Pin IP:
Ordering Information
Part No.
Pb-free
Temperature Code
Package Code
Packing
SS2015EUA
YES
-40°C to 85°C
TO-92
Bulk, 1000 pieces/bag
SS2015KUA
YES
-40°C to 125°C
TO-92
Bulk, 1000 pieces/bag
SS2015LUA
YES
-40°C to 150°C
TO-92
Bulk, 1000 pieces/bag
4.0 ± 0.01
1
2
3
1.27
2.13
1.87
1.00
1.20
45° ± 1°
3° ± 1°
0.44± 0.01
0.05 ± 0.05
0.84(Nom)
3° ± 1°
6° ± 1°
6° ± 1°
3° ± 1°
Active Area Depth:
Sensor Location
1
2
3
Notes:
1). Controlling dimension : mm ;
2). Leads must be free of flash and plating voids ;
3). Do not bend leads within 1 mm of lead to package
interface ;
4). PINOUT:
Pin 1
VDD
Pin 2
GND
Pin 3
Output
0.39± 0.01
0.38 ± 0.01
2.54



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com