Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS2019 Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # SS2019
Description  Hall Latch Position Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS2019 Datasheet(HTML) 2 Page - SEC Electronics Inc.

  SS2019 Datasheet HTML 1Page - SEC Electronics Inc. SS2019 Datasheet HTML 2Page - SEC Electronics Inc. SS2019 Datasheet HTML 3Page - SEC Electronics Inc. SS2019 Datasheet HTML 4Page - SEC Electronics Inc. SS2019 Datasheet HTML 5Page - SEC Electronics Inc. SS2019 Datasheet HTML 6Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SS2019
Hall Latch Position Sensor
2
V3.10
Nov 1, 2013
General Description
The SS2019 is an integrated Hall effect latched sen-
sor
designed
for
electronic
commutation
of
brush-less DC motor applications. The device inte-
grates a voltage regulator, reverse battery protection
diode, Hall sensor with dynamic offset cancellation
system, temperature compensation circuitry, small
signal
amplifier,
Schmitt
trigger
and
an
open-collector output to sink up to 25 mA.
These Hall-effect switches are monolithic integrated
circuits with tighter magnetic specifications, de-
signed to operate continuously over extended tem-
peratures to +150°C,and are more stable with both
temperature and supply voltage changes. If a mag-
netic flux density larger than threshold Bop, Output
is turned on (low). The output state is held until a
magnetic flux density reversal falls below Brp,
causing Output to be turned off (high).
Thanks to its wide operating voltage range and ex-
tended choice of temperature range, it is quite suita-
ble for use in DC motor applications.
The device is delivered in a Small Outline Transistor
(SOT) or in a Plastic Single In Line (SIP 3L flat).
Both 3-lead packages are RoHS compliant.
Glossary of Terms
MilliTesla (mT), Gauss
Units of magnetic flux density: 1mT = 10 Gauss
RoHS
Restriction of Hazardous Substances
Operating Point (BOP)
Magnetic flux density applied on the branded side of the package which turns the
output
driver ON (VOUT = VDSon)
Release Point (BRP)
Magnetic flux density applied on the branded side of the package which turns the
output
driver OFF (VOUT = high)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com