Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS2309 Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # SS2309
Description  Hall Latch - High Sensitivity
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS2309 Datasheet(HTML) 2 Page - SEC Electronics Inc.

  SS2309 Datasheet HTML 1Page - SEC Electronics Inc. SS2309 Datasheet HTML 2Page - SEC Electronics Inc. SS2309 Datasheet HTML 3Page - SEC Electronics Inc. SS2309 Datasheet HTML 4Page - SEC Electronics Inc. SS2309 Datasheet HTML 5Page - SEC Electronics Inc. SS2309 Datasheet HTML 6Page - SEC Electronics Inc. SS2309 Datasheet HTML 7Page - SEC Electronics Inc. SS2309 Datasheet HTML 8Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SS2309
Hall Latch - High Sensitivity
2
V3.10 Nov 1, 2013
Glossary of Terms
MilliTesla (mT), Gauss
Units of magnetic flux density: 1mT = 10 Gauss
RoHS
Restriction of Hazardous Substances
SOT
Small Outline Transistor (SOT package) – also referred with the package code
“SO”
ESD
Electro-Static Discharge
BLDC
Brush-Less Direct-Current
Operating Point (BOP)
Magnetic flux density applied on the branded side of the package which turns the
output
driver ON (VOUT = VDSon)
Release Point (BRP)
Magnetic flux density applied on the branded side of the package which turns the
output
driver OFF (VOUT = high)
Unique Features
Based on mixed signal CMOS technology, the SS2309 is a Hall-effect device with high magnetic sensitivity. This
multi-purpose latch meets most of the application requirements.
The chopper-stabilized amplifier uses switched capacitor technique to suppress the offset generally observed with
Hall sensors and amplifiers. The CMOS technology makes this advanced technique possible and contributes to
smaller chip size and lower current consumption than bipolar technology. The small chip size is also an important
factor to minimize the effect of physical stress. This combination results in more stable magnetic characteristics
and enables faster and more precise design.
The wide operating voltage from 3.5V to 24V, low current consumption and large choice of operating temperature
range according to “E”, “K” and “L” specification make this device suitable for automotive, industrial and con-
sumer applications.
Pin Definitions and Descriptions
SOT Pin № SIP Pin №
Name
Type
Function
1
1
VDD
Supply
Supply Voltage Pin
2
3
OUT
Output
Open Drain Output Pin
3
2
GND
Ground
Ground Pin



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com