Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS2406 Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SS2406
Description  Hall Latch - High Sensitivity
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS2406 Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SS2406 Datasheet HTML 1Page - SEC Electronics Inc. SS2406 Datasheet HTML 2Page - SEC Electronics Inc. SS2406 Datasheet HTML 3Page - SEC Electronics Inc. SS2406 Datasheet HTML 4Page - SEC Electronics Inc. SS2406 Datasheet HTML 5Page - SEC Electronics Inc. SS2406 Datasheet HTML 6Page - SEC Electronics Inc. SS2406 Datasheet HTML 7Page - SEC Electronics Inc. SS2406 Datasheet HTML 8Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SS2406
Hall Latch - High Sensitivity
1
V3.10
Nov 1, 2013
Packages
Features and Benefits
3 pin SOT23 (suffix SO)
3 pin SIP (suffix UA)
–
Wide operating voltage range from 2.5V to
24V
–
High magnetic sensitivity – Multi-purpose
–
DMOS technology
–
Low current consumption
–
Chopper-stabilized amplifier stage
–
Open drain output
–
Superior temperature stability
–
Insensitive to physical stress
–
SOT23 3L and flat SIP 3L
both RoHS Compliant packages
Functional Block Diagram
Application Examples
–
Automotive, Consumer and Industrial
–
Solid-state switch
–
Brushless DC motor commutation
–
Speed detection
–
Angular position detection
–
Linear position detection
–
Proximity detection
General Description
The SS2406 is a Hall-effect sensor IC fabricated from
mixed signal DMOS technology. The device inte-
grates a voltage regulator, Hall sensor with dynamic
offset cancellation system, Schmitt trigger and an
open-drain output driver, all in a single package.
It incorporates advanced chopper stabilization techniques to provide accurate and stable magnetic switch points.
There are many applications for this HED - Hall Electronic Device - in addition to those listed above. The design,
specifications and performance have been optimized for commutation applications in 5V and 12V brushless DC
motors.
Thanks to its wide operating voltage range and extended choice of temperature range, it is quite suitable for use in
automotive, industrial and consumer applications.
The device is delivered in a Small Outline Transistor (SOT) for surface mount process or in a Plastic Single In
Line (TO92) for through- hole mount. Both 3-lead packages are RoHS compliant.
VDD
OUT
Voltage
Regulator
Chopper
Hall
Plate
GND
SIP Package
SOT Package
Pin 1 – VDD
Pin 1 – VDD
Pin 2 – GND
Pin 2 – OUT
Pin 3 – OUT
Pin 3 – GND


Similar Part No. - SS2406

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SS240806 TRIPPLITE-SS240806 Datasheet
164Kb / 4P
8-Outlet Power Strip with Surge Suppression, 6 ft. (1.83 m) Cord, 1050 Joules, 2 ft. (0.61 m) length
logo
Guangdong Kexin Industr...
SS240F KEXIN-SS240F Datasheet
1Mb / 3P
Schottky Diodes
More results

Similar Description - SS2406

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US1881 MELEXIS-US1881 Datasheet
503Kb / 12P
Hall Latch - High Sensitivity
logo
SEC Electronics Inc.
SS569 SECELECTRONICS-SS569 Datasheet
273Kb / 8P
Hall Latch - High Sensitivity
SS732 SECELECTRONICS-SS732 Datasheet
265Kb / 10P
Hall Latch - High Sensitivity
SS1881 SECELECTRONICS-SS1881 Datasheet
244Kb / 9P
Hall Latch - High Sensitivity
SS542 SECELECTRONICS-SS542 Datasheet
301Kb / 6P
Hall Latch - High Sensitivity
SS732_1311 SECELECTRONICS-SS732_1311 Datasheet
353Kb / 9P
Hall Latch - High Sensitivity
SS2509-R SECELECTRONICS-SS2509-R Datasheet
344Kb / 8P
Hall Latch - High Sensitivity
SS2712 SECELECTRONICS-SS2712 Datasheet
390Kb / 9P
Hall Latch - High Sensitivity
SS2881 SECELECTRONICS-SS2881 Datasheet
289Kb / 8P
Hall Latch - High Sensitivity
logo
Melexis Microelectronic...
US1881 MELEXIS-US1881_12 Datasheet
1Mb / 12P
Hall Latch ??High Sensitivity
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com