Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS4825 Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SS4825
Description  Linear Hall Effect Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS4825 Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SS4825 Datasheet HTML 1Page - SEC Electronics Inc. SS4825 Datasheet HTML 2Page - SEC Electronics Inc. SS4825 Datasheet HTML 3Page - SEC Electronics Inc. SS4825 Datasheet HTML 4Page - SEC Electronics Inc. SS4825 Datasheet HTML 5Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SS4825
Linear Hall Effect Sensor
1
V3.10
Nov 1, 2013
Features
─ Miniature construction
─ Low-Noise Output
─ 4.5 V to 6 V Operation
─ Magnetically Optimized Package
─ Linear output for circuit design
flexibility
─ Temperature range of -40 °C to
150 °C
3 pin SOT23 (suffix SO)
3 pin SIP (suffix UA)
Description
SS4825 Linear Hall-effect sensor is small, ver-
satile linear Hall-effect device that is operated
by the magnetic field from a permanent magnet
or an electromagnet. The linear sourcing output
voltage is set by the supply voltage and varies in
proportion to the strength of the magnetic field.
The integrated circuitry features low noise out-
put, which makes it unnecessary to use external
filtering. It also includes thin film resistors to
provide increased temperature stability and ac-
curacy. The linear Hall sensor has an operating
temperature range of -40 °C to 150 °C appropri-
ate for commercial, consumer and industrial
environments.
Typical Applications
─ Motor control
─ Magnetic code reading
─ Ferrous metal detector
─ Current sensing
─ Position sensing
Functional Block Diagram
1 Vcc
1
2
3
2 GND
3 Vout
REG


Similar Part No. - SS4825

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SS480806 TRIPPLITE-SS480806 Datasheet
162Kb / 4P
8-Outlet Power Strip with Surge Protection, 6 ft. (1.83 m) Cord, 1650 Joules, 48 in. length
logo
SEC Electronics Inc.
SS4833 SECELECTRONICS-SS4833 Datasheet
226Kb / 4P
Linear Hall Effect Sensor
SS4833EUA SECELECTRONICS-SS4833EUA Datasheet
226Kb / 4P
Linear Hall Effect Sensor
SS4833KUA SECELECTRONICS-SS4833KUA Datasheet
226Kb / 4P
Linear Hall Effect Sensor
SS4833LUA SECELECTRONICS-SS4833LUA Datasheet
226Kb / 4P
Linear Hall Effect Sensor
More results

Similar Description - SS4825

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242 Datasheet
209Kb / 7P
Linear Hall Effect Sensor
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
Linear Hall Effect Sensor
logo
SEC Electronics Inc.
SS1302 SECELECTRONICS-SS1302 Datasheet
103Kb / 4P
Linear Hall Effect Sensor
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
Linear Hall Effect Sensor
SS1302 SECELECTRONICS-SS1302_13 Datasheet
141Kb / 4P
Linear Hall Effect Sensor
logo
Unisonic Technologies
UHS49 UTC-UHS49 Datasheet
151Kb / 4P
LINEAR HALL EFFECT SENSOR
logo
SEC Electronics Inc.
SS695 SECELECTRONICS-SS695 Datasheet
222Kb / 4P
Linear Hall Effect Sensor
SS1302_1311 SECELECTRONICS-SS1302_1311 Datasheet
349Kb / 5P
Linear Hall Effect Sensor
SS4833 SECELECTRONICS-SS4833 Datasheet
226Kb / 4P
Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90242 MELEXIS-MLX90242_12 Datasheet
222Kb / 10P
Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com