Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS4833 Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SS4833
Description  Linear Hall Effect Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS4833 Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SS4833 Datasheet HTML 1Page - SEC Electronics Inc. SS4833 Datasheet HTML 2Page - SEC Electronics Inc. SS4833 Datasheet HTML 3Page - SEC Electronics Inc. SS4833 Datasheet HTML 4Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SS4833
Linear Hall Effect Sensor
1
V3.10
Nov 1, 2013
Features
─ Miniature construction
─ Low-Noise Output
─ 4.5 V to 6 V Operation
─ Magnetically Optimized Package
─ Linear output for circuit design
flexibility
─ Temperature range of -40 °C to
150 °C
3 pin SIP (suffix UA)
Description
SS4833 Linear Hall-effect sensor is a small,
versatile linear Hall-effect device that is operat-
ed by the magnetic field from a permanent
magnet or an electromagnet. The linear sourcing
output voltage is set by the supply voltage and
varies in proportion to the strength of the mag-
netic field. Specifically, when SS4833 is in the
zero magnetic field conditions, the output volt-
age is half of the supply voltage. When south
poles approach the SS4833 marking surface, the
output voltage will increase linearly with the
magnetic field strength; on the other hand, north
pole will cause output voltage decreases linearly
with the increase in magnetic field strength. The
integrated circuitry features low noise output,
which makes it unnecessary to use external fil-
tering. It also includes thin film resistors to pro-
vide increased temperature stability and accura-
cy. The linear Hall sensor has an operating tem-
perature range of -40 °C to 150 °C appropriate
for commercial, consumer and industrial envi-
ronments.
Typical Applications
─ Electric vehicles speed regulation pedal
─ Motion detector
─ Gear sensing
─ Motor control
─ Magnetic code reading
─ Ferrous metal detector
─ Current sensing
─ Position sensing
─ Proximity detector
Functional Block Diagram


Similar Part No. - SS4833

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SS480806 TRIPPLITE-SS480806 Datasheet
162Kb / 4P
8-Outlet Power Strip with Surge Protection, 6 ft. (1.83 m) Cord, 1650 Joules, 48 in. length
logo
SEC Electronics Inc.
SS4825 SECELECTRONICS-SS4825 Datasheet
383Kb / 5P
Linear Hall Effect Sensor
SS4825ESOT SECELECTRONICS-SS4825ESOT Datasheet
383Kb / 5P
Linear Hall Effect Sensor
SS4825EUA SECELECTRONICS-SS4825EUA Datasheet
383Kb / 5P
Linear Hall Effect Sensor
SS4825KSOT SECELECTRONICS-SS4825KSOT Datasheet
383Kb / 5P
Linear Hall Effect Sensor
More results

Similar Description - SS4833

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242 Datasheet
209Kb / 7P
Linear Hall Effect Sensor
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
Linear Hall Effect Sensor
logo
SEC Electronics Inc.
SS1302 SECELECTRONICS-SS1302 Datasheet
103Kb / 4P
Linear Hall Effect Sensor
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
Linear Hall Effect Sensor
SS1302 SECELECTRONICS-SS1302_13 Datasheet
141Kb / 4P
Linear Hall Effect Sensor
logo
Unisonic Technologies
UHS49 UTC-UHS49 Datasheet
151Kb / 4P
LINEAR HALL EFFECT SENSOR
logo
SEC Electronics Inc.
SS695 SECELECTRONICS-SS695 Datasheet
222Kb / 4P
Linear Hall Effect Sensor
SS1302_1311 SECELECTRONICS-SS1302_1311 Datasheet
349Kb / 5P
Linear Hall Effect Sensor
SS4825 SECELECTRONICS-SS4825 Datasheet
383Kb / 5P
Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90242 MELEXIS-MLX90242_12 Datasheet
222Kb / 10P
Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com