Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMT5015LFDF Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMT5015LFDF
Description  50V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT5015LFDF Datasheet(HTML) 2 Page - Diodes Incorporated

  DMT5015LFDF Datasheet HTML 1Page - Diodes Incorporated DMT5015LFDF Datasheet HTML 2Page - Diodes Incorporated DMT5015LFDF Datasheet HTML 3Page - Diodes Incorporated DMT5015LFDF Datasheet HTML 4Page - Diodes Incorporated DMT5015LFDF Datasheet HTML 5Page - Diodes Incorporated DMT5015LFDF Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMT5015LFDF
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
50
V
Gate-Source Voltage
VGSS
±16
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
9.1
7.3
A
t<10s
TA = +25°C
TA = +70°C
ID
11.5
9.2
A
Pulsed Drain Current (10
μs pulse, duty cycle = 1%)
IDM
60
A
Continuous Source-Drain Diode Current
TA = +25°C
IS
2.2
A
Avalanche Current (Note 7) L = 0.1mH
IAS
14.4
A
Avalanche Energy (Note 7) L = 0.1mH
EAS
10.4
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
0.82
W
TA = +70°C
0.52
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RθJA
153
°C/W
t<10s
96
Total Power Dissipation (Note 6)
TA = +25°C
PD
1.97
W
TA = +70°C
1.2
Thermal Resistance, Junction to Ambient (Note 6)
Steady state
RθJA
67
°C/W
t<10s
42
Thermal Resistance, Junction to Case (Note 6)
Steady state
RθJC
14
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
50
—
—
V
VGS = 0V, ID = 250
μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
—
—
1
µA
VDS = 40V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±16V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
0.5
—
2.0
V
VDS = VGS, ID = 250
μA
Static Drain-Source On-Resistance
RDS(ON)
—
—
15
m
Ω
VGS = 10V, ID = 8A
—
23
VGS = 4.5V, ID = 6A
Diode Forward Voltage
VSD
—
0.7
1.0
V
VGS = 0V, IS = 5A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
—
902.7
—
pF
VDS = 25V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
—
301.4
—
Reverse Transfer Capacitance
Crss
—
15.2
—
Gate Resistance
Rg
—
1.9
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
Qg
—
6.1
—
nC
VDS = 25V, ID = 8A
Total Gate Charge (VGS = 10V)
Qg
—
14
—
Gate-Source Charge
Qgs
—
2.4
—
Gate-Drain Charge
Qgd
—
1.6
—
Turn-On Delay Time
tD(on)
—
2.8
—
ns
VDS = 25V, VGS = 10V,
RG = 3
Ω, ID = 8A
Turn-On Rise Time
tr
—
5.1
—
Turn-Off Delay Time
tD(off)
—
10.6
—
Turn-Off Fall Time
tf
—
2.7
—
Reverse Recovery Time
trr
—
18.9
—
ns
IF = 8A, di/dt = 100A/
μs
Reverse Recovery Charge
Qrr
—-
9.2
—
nC
IF = 8A, di/dt = 100A/
μs
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. IAS and EAS rating are based on low frequency and duty cycles to keep TJ = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.
DMT5015LFDF
Datasheet number: DS37202 Rev. 4 - 2
2 of 6
www.diodes.com
September 2014
© Diodes Incorporated



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com