Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS5782EUA Datasheet(PDF) 5 Page - SEC Electronics Inc.

Part # SS5782EUA
Description  Unipolar Hall Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS5782EUA Datasheet(HTML) 5 Page - SEC Electronics Inc.

  SS5782EUA Datasheet HTML 1Page - SEC Electronics Inc. SS5782EUA Datasheet HTML 2Page - SEC Electronics Inc. SS5782EUA Datasheet HTML 3Page - SEC Electronics Inc. SS5782EUA Datasheet HTML 4Page - SEC Electronics Inc. SS5782EUA Datasheet HTML 5Page - SEC Electronics Inc. SS5782EUA Datasheet HTML 6Page - SEC Electronics Inc. SS5782EUA Datasheet HTML 7Page - SEC Electronics Inc. SS5782EUA Datasheet HTML 8Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SS5782
Unipolar Hall Switch
5
V3.10
Nov 1, 2013
Output Behavior versus Magnetic Pole
DC Operating Parameters TA = -40°C to 150°C, VDD = 3.5 to 24V (unless otherwise specified)
Test Conditions (UA)
Test Conditions (SO)
OUT
B > BRP
B < BRP
High
B < BOP
B > BOP
Low
The SOT-23 device is reversed from the UA package. The SOT-23 output transistor will be turned on(drops low) in the presence of a
sufficiently strong South pole magnetic field applied to the marked face.
Application Information
It is strongly recommended that an external bypass capacitor be connected (in close proximity to the Hall sensor)
between the supply(VDD Pin) and ground(GND Pin) of the device to reduce both external noise and noise gener-
ated by the chopper stabilization technique. As is shown in the following
figure, a 0.1μF capacitor is typical.
For reverse voltage protection, it is recommended to connect a resistor or a diode in series with the V
DD pin.
When using a resistor, three points are important:
- the resistor has to limit the reverse current to 50mA maximum (V
CC / R1 ≤ 50mA)
- the resulting device supply voltage V
DD has to be higher than VDD min (VDD = VCC – R1*IDD)
- the resistor has to withstand the power dissipated in reverse voltage condition (P
D = VCC
2
/R1)
When using a diode, a reverse current cannot flow and the voltage drop is almost constant (
≈0.7V).
Therefore, a 100
Ω/0.25W resistor for 5V application and a diode for higher supply voltage are recommended.
Typical Three-Wire Application Circuit
When a weak power supply is used or when the device is intended to be used in noisy environment, it is
recommended that following figure is used.
SS5782



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com