Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS5881ESOT Datasheet(PDF) 3 Page - SEC Electronics Inc.

Part # SS5881ESOT
Description  Unipolar Hall Switch-Low Sensitivity
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS5881ESOT Datasheet(HTML) 3 Page - SEC Electronics Inc.

  SS5881ESOT Datasheet HTML 1Page - SEC Electronics Inc. SS5881ESOT Datasheet HTML 2Page - SEC Electronics Inc. SS5881ESOT Datasheet HTML 3Page - SEC Electronics Inc. SS5881ESOT Datasheet HTML 4Page - SEC Electronics Inc. SS5881ESOT Datasheet HTML 5Page - SEC Electronics Inc. SS5881ESOT Datasheet HTML 6Page - SEC Electronics Inc. SS5881ESOT Datasheet HTML 7Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SS5881
Unipolar Hall Switch-Low Sensitivity
3
V3.10
Nov 1, 2013
Pins Definition and Description
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Supply Voltage
VDD
28
V
Supply Current
IDD
50
mA
Output Voltage
VOUT
28
V
Output Current
IOUT
50
mA
Storage Temperature Range
TS
-65 to 170
°C
Operating Temperature Range
Symbol
Value
Units
Temperature Suffix “E”
TA
-40 to 85
°C
Temperature Suffix “L”
TA
-40 to 150
°C
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum- rated conditions for ex-
tended periods may affect device reliability.
SOT Pin
№ SIP Pin №
Name
Type
Function
1
1
VDD
Supply
Supply Voltage pin
2
3
OUT
Output
Open Drain Output pin
3
2
GND
Ground
Ground pin



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com