Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS5881LSOT Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SS5881LSOT
Description  Unipolar Hall Switch-Low Sensitivity
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS5881LSOT Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SS5881LSOT Datasheet HTML 1Page - SEC Electronics Inc. SS5881LSOT Datasheet HTML 2Page - SEC Electronics Inc. SS5881LSOT Datasheet HTML 3Page - SEC Electronics Inc. SS5881LSOT Datasheet HTML 4Page - SEC Electronics Inc. SS5881LSOT Datasheet HTML 5Page - SEC Electronics Inc. SS5881LSOT Datasheet HTML 6Page - SEC Electronics Inc. SS5881LSOT Datasheet HTML 7Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SS5881
Unipolar Hall Switch-Low Sensitivity
1
V3.10
Nov 1, 2013
Features and Benefits
–
3.5V to 24V Operation
–
-40°C to 150°C Superior temperature operation
–
CMOS technology
–
Low current consumption
–
Chopper-stabilized amplifier stage
–
Open drain output
–
Low sensitivity
–
Small Size SOT23 3L or SIP 3L
–
Both RoHS compliant packages
Application Examples
–
Automotive, Consumer and Industrial
–
Solid-state switch
–
Brushless DC motor commutation
–
Speed detection
–
Angular position detection
–
Proximity detection
–
Current detector
3 pin SOT23 (suffix SO)
3 pin SIP (suffix UA)
Functional Block Diagram
VDD
OUT
Voltage
Regulator
Chopper
Hall
Plate
GND
SIP Package
SOT Package
Pin 1 – VDD
Pin 1 – VDD
Pin 2 – GND
Pin 2 – OUT
Pin 3 – OUT
Pin 3 – GND


Similar Part No. - SS5881LSOT

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS5881 SECELECTRONICS-SS5881 Datasheet
198Kb / 7P
Unipolar Hall Switch-Low Sensitivity
More results

Similar Description - SS5881LSOT

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US5881 MELEXIS-US5881 Datasheet
444Kb / 11P
Unipolar Hall Switch - Low Sensitivity
logo
SEC Electronics Inc.
SS5681 SECELECTRONICS-SS5681 Datasheet
199Kb / 7P
Unipolar Hall Switch-Low Sensitivity
S5881-AA SECELECTRONICS-S5881-AA Datasheet
353Kb / 7P
Unipolar Hall Switch-Low Sensitivity
SS139 SECELECTRONICS-SS139 Datasheet
223Kb / 5P
Unipolar Hall Switch-Low Sensitivity
SS159 SECELECTRONICS-SS159 Datasheet
223Kb / 5P
Unipolar Hall Switch-Low Sensitivity
SS1101-A SECELECTRONICS-SS1101-A_13 Datasheet
247Kb / 7P
Unipolar Hall Switch-Low Sensitivity
SS1102 SECELECTRONICS-SS1102_13 Datasheet
276Kb / 7P
Unipolar Hall Switch-Low Sensitivity
SS1104 SECELECTRONICS-SS1104_13 Datasheet
257Kb / 7P
Unipolar Hall Switch-Low Sensitivity
SS159_1311 SECELECTRONICS-SS159_1311 Datasheet
207Kb / 6P
Unipolar Hall Switch-Low Sensitivity
SS1348 SECELECTRONICS-SS1348 Datasheet
224Kb / 6P
Unipolar Hall Switch-Low Sensitivity
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com