Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV431ACZ Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV431ACZ
Description  Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV431ACZ Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMV431ACZ Datasheet HTML 4Page - National Semiconductor (TI) LMV431ACZ Datasheet HTML 5Page - National Semiconductor (TI) LMV431ACZ Datasheet HTML 6Page - National Semiconductor (TI) LMV431ACZ Datasheet HTML 7Page - National Semiconductor (TI) LMV431ACZ Datasheet HTML 8Page - National Semiconductor (TI) LMV431ACZ Datasheet HTML 9Page - National Semiconductor (TI) LMV431ACZ Datasheet HTML 10Page - National Semiconductor (TI) LMV431ACZ Datasheet HTML 11Page - National Semiconductor (TI) LMV431ACZ Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LMV431BI Electrical Characteristics (Continued)
10095807
The average temperature coefficient of the reference input voltage,
∝V
REF, is defined as:
Where:
T2 −T1 = full temperature change.
∝V
REF can be positive or negative depending on whether the slope is positive or negative.
Example: VDEV = 6.0mV, REF = 1240mV, T2 −T1 = 125˚C.
Note 5: The dynamic output impedance, rZ, is defined as:
When the device is programmed with two external resistors, R1 and R2, (see Figure 2 ), the dynamic output impedance of the overall circuit, rZ, is defined as:
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com