Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDM Datasheet(PDF) 1 Page - DDK Ltd.

Part # PDM
Description  Push-on Lock Type Coaxial Connector for Semi-rigid/Semi-flexible Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

PDM Datasheet(HTML) 1 Page - DDK Ltd.

  PDM Datasheet HTML 1Page - DDK Ltd. PDM Datasheet HTML 2Page - DDK Ltd. PDM Datasheet HTML 3Page - DDK Ltd. PDM Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
The coaxial connector for semi-rigid /semi-
flexible cable.
PDM Series
Push-on Lock Type Coaxial Connector
for Semi-rigid/Semi-flexible Cable
121226
OUTLINE
Connector Mating/Unmating Tool
357J-14474
FEATURE
APPLICATION
Base Station, Measurement Equipment,, Antenna
Characteristic Impedance
50 Ω
Rated Voltage
500VAC(r.m.s.)
Dielectric Withstanding Voltage 1000V AC(r.m.s) / 1 minute
Insulation Resistance
1,000M Ω min. at 500V DC
Contact Resistance
3m Ω max.
V.S.W.R.
1.3 max. (DC 〜 3GHz)
Applicable Cable
UT-85, UT-141T (Semi-rigid / Semi-flexible cable)
Operating Temperature
-55 〜 +85℃
RoHS
Compliant
RoHS
Compliant
Item
Material / Finish
Contact
Copper Alloy / Au Plating
Outer Conductor
Copper Alloy / Ni Plating
Contact
PTFE
SPECIFICATIONS
MATERIAL/FINISH
* The specifications are typical but may not apply to all connectors.
Please check the specifications on each item with its drawing from us
when you use.
・
PDM series is the coaxial connector which is modified coupling method of SMA style connector to
push-on type. It is easy to mate / unmate by one-touch locking.
・Due to the push-on coupling type, torque control for mating is not necessary like standard SMA
connector. So it can be mounted on small space.
・The plug connector is φ 9mm. Closed-entry mechanism provides high performance in
 twiddling force.  
Frequency
Range
DC to 3GHz
50 Ω
Lock Type
Characteristic
Impedance
Push On


Similar Part No. - PDM

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
PDM CINCON-PDM Datasheet
222Kb / 2P
PWM Dimming Module
logo
Merrimac Industries, In...
PDM-02S-4G MERRIMAC-PDM-02S-4G Datasheet
65Kb / 1P
0 POWER DIVIDERS/ COMBINERS
PDM-02S-9G MERRIMAC-PDM-02S-9G Datasheet
65Kb / 1P
0 POWER DIVIDERS/ COMBINERS
logo
Gamewell-FCI by Honeywe...
PDM-16 GAMEWELL-FCI-PDM-16 Datasheet
116Kb / 2P
Serial annunciator driver module, main driver with 16-outputs
logo
Merrimac Industries, In...
PDM-20-10 MERRIMAC-PDM-20-10 Datasheet
66Kb / 1P
0 POWER DIVIDERS / COMBINERS
More results

Similar Description - PDM

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CSMA5 ITT-CSMA5 Datasheet
83Kb / 1P
SMA Right Angle Connectors, Direct Solder Type for Semi-Rigid Cable
logo
DDK Ltd.
PDM-SP-141-SO DDK-PDM-SP-141-SO Datasheet
397Kb / 7P
Push-on Semi-Rigid and Semi-Flexible Cable Type Connectors
logo
Winchester Electronics ...
SD470-500-0471H WINCHESTER-SD470-500-0471H Datasheet
97Kb / 1P
MMCX STRAIGHT PLUG FOR .047 SEMI-RIGID CABLE
logo
Pasternack Enterprises,...
PE-SR402-75 PASTERNACK-PE-SR402-75 Datasheet
253Kb / 1P
75 OHM SEMI-RIGID
logo
Amphenol Corporation
132101 AMPHENOL-132101 Datasheet
73Kb / 1P
SMA SEMI-RIGID PLUG (FOR .085, 086 CABLE)
logo
Adam Technologies, Inc.
RF2-03-T-00-50 ADAM-TECH-RF2-03-T-00-50 Datasheet
83Kb / 1P
SMA MALE SEMI RIGID
RF2-48-T-07-50-G ADAM-TECH-RF2-48-T-07-50-G Datasheet
68Kb / 1P
SMA MALE SEMI RIGID
logo
Rosenberger Hochfrequen...
32W100-000 ROSENBERGER-32W100-000 Datasheet
79Kb / 2P
TOOL SET SERIES SMA ??FOR SEMI-RIGID CABLE
logo
Taoglas antenna solutio...
CAB058 TAOGLAS-CAB058 Datasheet
361Kb / 6P
TAOGLAS Semi-Rigid Cable Assembly
logo
DDK Ltd.
PDM-SP-141-SO-CF DDK-PDM-SP-141-SO-CF Datasheet
961Kb / 4P
Push-on Lock Type Coaxial Connector for Semi-rigid/Semi-flexible Cable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com