Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSC2 Datasheet(PDF) 1 Page - DDK Ltd.

Part # PSC2
Description  SMB Style Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

PSC2 Datasheet(HTML) 1 Page - DDK Ltd.

  PSC2 Datasheet HTML 1Page - DDK Ltd. PSC2 Datasheet HTML 2Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without a previous notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
SMB Style Connector(LowCostVersion)
PSC2 Series
PSC2 series is intermateable with SMB style
connector which conform to MIL-PRF-39012 and
modified smaller and lighter.
It is achieved low cost by reducing the number of
parts and using molding parts/press-fabricated parts.
1. Added the spring which prevent the interface form spreading.
It improves the strength for the torsional mating and retaining force.
2. Recommended cable:1.5DS-QEHV(TA) (Shikoku Cable)and 1.5D-HQ・SUPER (Fujikura)
3. RoHS Compliant
4. Mating height is 9mm (max.). (Mating connector is PSC-SR-PS-D2)
RoHS
Compliant
RoHS
Compliant
SMB
Connector
Type
Freguency
Range
DC〜4GHz
Lock Type
Push On
Applicable
Cable
1.5D
151216
PSC2-LP-1.5D-CR3 (L=250mm, Double-ended Harness)
 
  DC~4GHz VSWR
0      1.0      2.0      3.0      4.0
1.5
1.4
1.3
1.2
1.1
1.0
Frequency【GHz】
PSC2
PSC
OUTLINE
FEATURE
V.S.W.R.
50 Ω
Characteristic
Impedance
Base station, Telecom, Measurement
equipments.
APPLICATIONS
Item
Material / Finish
Contact
Copper Alloy / Au Plating
Outer Conductor Copper Alloy / Ni or Au Plating
Insulator
Fluorine Resin
Characteristic Impedance
 50 Ω
Rated Volatge
335VAC(r.m.s.)
Dielectric Withstanding Voltage 1000V AC(r.m.s.) / 1 minute
Insulation Resistance
1000M Ω Mim. at 500V DC
Contact Resistance
6m Ω Max.
V.S.W.R.
1.3 max. at DC to 4GHz
Mating Height
9.0mm max.
Operating Temperature
-40 〜 +85℃
SPECIFICATIONS
* The specifications are typical but may not apply to all connectors. Please check  
the specifications on each item with its drawing from us when you use.
MATERIAL/FINISH


Similar Part No. - PSC2

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
PSC2.5VB1000MH11 CHEMI-CON-PSC2.5VB1000MH11 Datasheet
610Kb / 2P
Conductive polymer Aluminum solid capacitors
PSC2.5VB2700MJ11 CHEMI-CON-PSC2.5VB2700MJ11 Datasheet
610Kb / 2P
Conductive polymer Aluminum solid capacitors
PSC2.5VB560MH08 CHEMI-CON-PSC2.5VB560MH08 Datasheet
610Kb / 2P
Conductive polymer Aluminum solid capacitors
PSC2.5VB820MH08 CHEMI-CON-PSC2.5VB820MH08 Datasheet
610Kb / 2P
Conductive polymer Aluminum solid capacitors
logo
List of Unclassifed Man...
PSC20 ETC-PSC20 Datasheet
471Kb / 1P
Conduit Fittings
More results

Similar Description - PSC2

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RF2-07-T-AS-50 ADAM-TECH-RF2-07-T-AS-50 Datasheet
118Kb / 1P
RF CONNECTORS SMB & F STYLE
logo
DDK Ltd.
PSC-LP-1.5DW-CR1 DDK-PSC-LP-1.5DW-CR1 Datasheet
162Kb / 2P
SMB Connector
logo
List of Unclassifed Man...
SMBR003D00 ETC1-SMBR003D00 Datasheet
170Kb / 4P
SMT Type SMB Connector
logo
Adam Technologies, Inc.
RF3-05-T-00-75-G-HT ADAM-TECH-RF3-05-T-00-75-G-HT Datasheet
70Kb / 1P
RF CONNECTOR SMB FEMALE
RF3-11-T-00-50-G ADAM-TECH-RF3-11-T-00-50-G Datasheet
61Kb / 1P
R/A SMB CONNECTOR
RF26-05-00-50-T ADAM-TECH-RF26-05-00-50-T Datasheet
67Kb / 1P
SMB CONNECTOR
logo
DDK Ltd.
PSC DDK-PSC Datasheet
199Kb / 3P
SMB Connector
27CP-P-1.5-CF DDK-27CP-P-1.5-CF Datasheet
786Kb / 5P
75 廓 SMB Style Coaxial Connector
27DP-P-1.5QEV-AA-CF DDK-27DP-P-1.5QEV-AA-CF Datasheet
501Kb / 9P
SMB Type Coaxial Connector
logo
Huber+Suhner, Inc.
46_SMB-50-0-2111_N HUBERSUHNER-46_SMB-50-0-2111_N Datasheet
568Kb / 2P
COAXIAL ADAPTER, SMB, 50 Ohm, T-style, 3 jacks (female)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com