Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSH Datasheet(PDF) 3 Page - DDK Ltd.

Part # PSH
Description  Compact Coaxial Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

PSH Datasheet(HTML) 3 Page - DDK Ltd.

  PSH Datasheet HTML 1Page - DDK Ltd. PSH Datasheet HTML 2Page - DDK Ltd. PSH Datasheet HTML 3Page - DDK Ltd. PSH Datasheet HTML 4Page - DDK Ltd. PSH Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PSH Series
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
Unit:mm
3
○ Plug Cable Assmbly
Applicable Cable
Part Number
Outer Conductor Finish
Dia. φ 1.32
PSH-LP-OD1.32-CR3
Au
Dia. φ 1.37
PSH-LP-OD1.37-CR3
Au
※ Plug connector is available in only cable assembly.
Cable Size
Center Conductor
Insulator
Outer
Conductor
Cable Dia.
Characteristic
Impedance
Attenuation max.(dB/m)
3GHz
6GHz
O.D. φ 1.32
7/0.08(AWG32)
φ 0.7
Double Braid
φ 1.32
50 Ω
3.7
5.4
Ag Plating
FEP
Sn Plating
FEP
O.D. φ 1.37
7/0.105(AWG30)
φ 0.9
Single Braid
φ 1.37
50 Ω
3.0
4.7
Ag Plating
FEP
Sn Plating
FEP
Applicable Cable Size
RoHS
Compliant
RoHS
Compliant
MATERIAL/ FINISH
Item
Material / Finish
Plug
Outer Conductor Copper Alloy / Au Plating
Contact
Copper Alloy / Au Plating
Insulator
Thermoplastic Resin / Black
○ Adaptor(SMA plug to PSH jack)
DMP-SA-PSHJ
表1.コネクタ角度表
ケーブル長L
標準公差
25≦L≦200
±3
200<L≦500
±5
500<L≦1000
±10
1000<L
±1.5%
表2.ケーブル長公差表
(10.5)
Hex Dia.
8
Connector Angle 2
Connector Angle 1
Connector Angle 3
Connector Angle 4
(5.8)
(4.5)
(6.3)
(5)
PSH-LP-OD0.81-CR3
PSH-LP-OD1.13-CR3
PSH-LP-OD1.32-CR3
PSH-LP-OD1.37-CR3
新
RoHS
Compliant
RoHS
Compliant
MATERIAL/ FINISH
Item
Material / Finish
Adaptor
Outer Conductor SUS(304)
Contact
Copper Alloy / Au Plating
Insulator
PTFE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com