Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T970010 Datasheet(PDF) 1 Page - E-SWITCH

Part # T970010
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T970010 Datasheet(HTML) 1 Page - E-SWITCH

  T970010 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
ULV7F2B11301
3:2
2/1/2016
T970010
A
MW
1
1
3
SCHEMATIC
ON - (ON)
SPDT Illuminated
( ) DENOTES MOMENTARY FUNCTTION
1
2
LED 1
(+)
LED 2
(-)
PANEL CUT-OUT
PANEL THICKNESS 1-10mm
A
22143
New Release
2/1/16
MW
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X = 0.4
X.XX = 0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT MATERIAL: SILVER
5. RATING: 3A 250 VAC cUL
6. ELECTRIC LIFE: 50,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. MECHANICAL LIFE: 1,000,000 CYCLES.
8. INSULATION RESISTANCE: 1,000 M
@ 500VDC MIN.
9. DIELECTRIC STRENGTH: 2,000 VAC MIN. FOR 1 MINUTE
10. CONTACT RESISTANCE: 50m
MAX. @ 1A 12VDC
11. OPERATING TEMP.: -20 C to 55 C
12.
DENOTES CRITICAL PARAMETER.
13. LAMP VOLTAGE: 20mA 3V
14. TRAVEL: 3.2mm
15. ACTUATION FORCE: 2.5
1.0 N
16 MOUNTING NUT TORQUE: 5-14 Nm
17. INGRESS PROTECTION: IP67
18. HARDWARE SUPPLIED: O-RING AND HEXNUT
25.00
[.984 in]
17.75
[.70 in]
13.75
[.54 in]
2.0
[.08 in]
14.0
[.55 in]
19.2
[.76 in]
27.2
[1.07 in]
34.4
[1.35 in]
35.0
[1.38 in]
13.00
[.51 in]
2.80
[.110 in]
10.00
[.394 in]
5.00
[.197 in]
2.75
[.11 in]
RING ILLUMINATION
WHITE
TERMINAL 3
TERMINAL 1
TERMINAL 2
LED 1
(+)
LED 2
(-)
22.20
[.874 in]
M22 x 1.0
THREAD
BLACK ANODIZED
BUTTON
BLACK ANODIZED
HOUSING


Similar Part No. - T970010

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T970011 E-SWITCH-T970011 Datasheet
168Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T970012 E-SWITCH-T970012 Datasheet
167Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T970013 E-SWITCH-T970013 Datasheet
167Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T970014 E-SWITCH-T970014 Datasheet
169Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T970016 E-SWITCH-T970016 Datasheet
174Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T970010

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com