Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T980002 Datasheet(PDF) 1 Page - E-SWITCH

Part # T980002
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T980002 Datasheet(HTML) 1 Page - E-SWITCH

  T980002 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
ULV8F2HSS341
1:1
11/12/2015
T980002
B
rc
1
1
6
1
2
3
LED 1
(+)
LED 2
(-)
SCHEMATIC
ON - (ON)
DPDT Illuminated
( ) Denotes Momentary Function
5
4
PANEL CUT-OUT
PANEL THICKNESS 1-10mm
A
22094
New Release
1/12/16
rc
28.0
[1.10 in]
19.80
[.78 in]
15.70
[.62 in]
27.4
[1.08 in]
35.2
[1.39 in]
2.0
[.08 in]
.50
[.020 in]
5.50
[.22 in]
13.00
[.51 in]
5.00
[.197 in]
M25 x 1.0
THREAD
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X = 0.4
X.XX = 0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT MATERIAL: SILVER
5. RATING: 3A 250 VAC cUL
6. ELECTRIC LIFE: 50,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. MECHANICAL LIFE: 1,000,000 CYCLES.
8. INSULATION RESISTANCE: 1,000 M
@ 500VDC MIN.
9. DIELECTRIC STRENGTH: 2,000 VAC MIN. FOR 1 MINUTE
10. CONTACT RESISTANCE: 50m
MAX. @ 1A 12VDC
11. OPERATING TEMP.: -20 C to 55 C
12.
DENOTES CRITICAL PARAMETER.
13. LAMP VOLTAGE: 20mA 3V
14. TRAVEL: 3.2mm
15. ACTUATION FORCE: 3.5
1.0 N
16 MOUNTING NUT TORQUE: 5-14 Nm
17. INGRESS PROTECTION: IP67
18. HARDWARE SUPPLIED: O-RING AND HEXNUT
25.20
[.992 in]
TERMINAL 3
LED 1
(+)
TERMINAL 1
TERMINAL 2
LED 2
(-)
2.80
[.110 in]
10.00
[.394 in]
TERMINAL 6
TERMINAL 5
TERMINAL 4
HOUSING
STAINLESS STEEL
RING ILLUMINATION
BLUE
BUTTON
STAINLESS STEEL
B
22132
drawing updates
1/25/16
MW


Similar Part No. - T980002

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T980000 E-SWITCH-T980000 Datasheet
166Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T980001 E-SWITCH-T980001 Datasheet
166Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T980003 E-SWITCH-T980003 Datasheet
167Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T980004 E-SWITCH-T980004 Datasheet
164Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T980006 E-SWITCH-T980006 Datasheet
168Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T980002

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com