Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8574A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8574A
Description  REMOTE 8BIT I/O EXPANDER FOR I2C BUS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCF8574A Datasheet(HTML) 2 Page - Texas Instruments

  PCF8574A Datasheet HTML 1Page - Texas Instruments PCF8574A Datasheet HTML 2Page - Texas Instruments PCF8574A Datasheet HTML 3Page - Texas Instruments PCF8574A Datasheet HTML 4Page - Texas Instruments PCF8574A Datasheet HTML 5Page - Texas Instruments PCF8574A Datasheet HTML 6Page - Texas Instruments PCF8574A Datasheet HTML 7Page - Texas Instruments PCF8574A Datasheet HTML 8Page - Texas Instruments PCF8574A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PCF8574
REMOTE 8BIT I/O EXPANDER FOR I2C BUS
SCPS068C - JULY 2001 − REVISED JANUARY 2004
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
The PCF8574 provides an open-drain output (INT) that can be connected to the interrupt input of a
microcontroller. An interrupt is generated by any rising or falling edge of the port inputs in the input mode. After
time tiv, INT is valid. Resetting and reactivating the interrupt circuit is achieved when data on the port is changed
to the original setting or data is read from, or written to, the port that generated the interrupt. Resetting occurs
in the read mode at the acknowledge bit after the rising edge of the SCL signal or in the write mode at the
acknowledge bit after the high-to-low transition of the SCL signal. Interrupts that occur during the acknowledge
clock pulse can be lost (or be very short) due to the resetting of the interrupt during this pulse. Each change of
the I/Os after resetting is detected and, after the next rising clock edge, is transmitted as INT. Reading from,
or writing to, another device does not affect the interrupt circuit.
By sending an interrupt signal on this line, the remote I/O can inform the microcontroller if there is incoming data
on its ports without having to communicate via the I2C bus. Therefore, the PCF8574 can remain a simple slave
device.
logic diagram (positive logic)
14
I/O
Port
4
5
6
7
9
10
11
12
P0
P1
P2
P3
P4
P5
P6
P7
Shift
Register
8 Bit
LP Filter
Interrupt
Logic
I2C Bus
Control
Input
Filter
15
Power-On
Reset
Read Pulse
Write Pulse
PCF8574
3
2
1
13
16
8
GND
VCC
SDA
SCL
A2
A1
A0
INT
Pin numbers shown are for the DW and N packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com