Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI4510 Datasheet(PDF) 51 Page - Texas Instruments

Part # PCI4510
Description  PC CARD AND INTEGRATED 1394A-2000 OHCI TWO PORT PHY/LINK LAYER CONTROLLER
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4510 Datasheet(HTML) 51 Page - Texas Instruments

Back Button PCI4510 Datasheet HTML 47Page - Texas Instruments PCI4510 Datasheet HTML 48Page - Texas Instruments PCI4510 Datasheet HTML 49Page - Texas Instruments PCI4510 Datasheet HTML 50Page - Texas Instruments PCI4510 Datasheet HTML 51Page - Texas Instruments PCI4510 Datasheet HTML 52Page - Texas Instruments PCI4510 Datasheet HTML 53Page - Texas Instruments PCI4510 Datasheet HTML 54Page - Texas Instruments PCI4510 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 220 page
background image
3−7
Table 3−3. Integrated Pullup Resistors
SIGNAL NAME
TERMINAL NUMBER
SIGNAL NAME
PDV
GHK
RGVF
A14/CPERR
154
F15
F10
A15/CIRDY
160
F13
B08
A19/CBLOCK
153
E18
E10
A20/CSTOP
155
E17
A09
A21/CDEVSEL
157
A16
C09
A22/CTRDY
159
E14
A08
BVD1(STSCHG/RI)/CSTSCHG
185
A09
B02
BVD2(SPKR)/CAUDIO
184
F10
A02
CD1/CCD1
125
L17
C15
CD2/CCD2
187
C09
E05
INPACK/CREQ
173
B12
E07
READY/CINT
182
C10
C04
RESET/CRST
169
B13
A06
VS1/CVS1
181
B10
A03
VS2/CVS2
167
F12
E08
WAIT/CSERR
183
E10
B03
WP(IOIS16)/CCLKRUN
186
B09
C03
3.5.6
SPKROUT and CAUDPWM Usage
SPKROUT carries the digital audio signal from the PC Card to the system. When a 16-bit PC Card is configured for
I/O mode, the BVD2 terminal becomes SPKR. This terminal is also used in CardBus binary audio applications, and
is referred to as CAUDIO. SPKR passes a TTL-level digital audio signal to the PCI4510 device. The CardBus CAUDIO
signal also can pass a single-amplitude binary waveform. The binary audio signals from the PC Card socket are
XORed in the PCI4510 device to produce SPKROUT. This output is enabled by bit 1 (SPKROUTEN) in the card
control register (PCI offset 91h, see Section 4.36).
Older controllers support CAUDIO in binary or PWM mode but use the same terminal (SPKROUT). Some audio chips
may not support both modes on one terminal and may have a separate terminal for binary and PWM. The PCI4510
implementation includes a signal for PWM, CAUDPWM, which can be routed to an MFUNC terminal. Bit 2
(AUD2MUX), located in the card control register, is programmed on a per-socket function basis to route a CardBus
CAUDIO PWM terminal to CAUDPWM. If both CardBus functions enable CAUDIO PWM routing to CAUDPWM, then
CardBus socket audio takes precedence. See Section 4.34, Multifunction Routing Status Register, for details on
configuring the MFUNC terminals.
Figure 3−5 provides an illustration of a sample application using SPKROUT and CAUDPWM.
Speaker
Subsystem
BINARY_SPKR
System
Core Logic
PCI4510
CAUDPWM
SPKROUT
PWM_SPKR
Figure 3−5. Sample Application of SPKROUT and CAUDPWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com