Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG711 Datasheet(PDF) 2 Page - Texas Instruments

Part # REG711
Description  50mA SWITCHED-CAP DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG711 Datasheet(HTML) 2 Page - Texas Instruments

  REG711 Datasheet HTML 1Page - Texas Instruments REG711 Datasheet HTML 2Page - Texas Instruments REG711 Datasheet HTML 3Page - Texas Instruments REG711 Datasheet HTML 4Page - Texas Instruments REG711 Datasheet HTML 5Page - Texas Instruments REG711 Datasheet HTML 6Page - Texas Instruments REG711 Datasheet HTML 7Page - Texas Instruments REG711 Datasheet HTML 8Page - Texas Instruments REG711 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
REG711
2
SBVS027A
REG711EA
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT VOLTAGE
Guaranteed Startup
REG711-5.0
See conditions under “output voltage” with a
2.7
5.5
V
All Other Models
resistive load not lower than typical VOUT/IOUT.
1.8
5.5
V
OUTPUT VOLTAGE
REG711-5.0
IOUT ≤ 15mA, 2.7V < VIN < 5.5V
4.75
5.0
5.25
V
IOUT ≤ 50mA, 3.0V < VIN < 5.5V
REG711-3.3
IOUT ≤ 15mA, 1.8V < VIN < 5.5V
3.14
3.3
3.46
V
IOUT ≤ 50mA, 2.2V < VIN < 5.5V
REG711-3.0
IOUT ≤ 15mA, 1.8V < VIN < 5.5V
2.85
3.0
3.15
V
IOUT ≤ 50mA, 2.2V < VIN < 5.5V
REG711-2.7
IOUT ≤ 15mA, 1.8V < VIN < 5.5V
2.57
2.7
2.83
V
IOUT ≤ 50mA, 2.0V < VIN < 5.5V
REG711-2.5
IOUT ≤ 15mA, 1.8V < VIN < 5.5V
2.38
2.5
2.62
V
IOUT ≤ 50mA, 2.0V < VIN < 5.5V
OUTPUT CURRENT
Nominal
50
mA
Short Circuit(2)
80
mA
OSCILLATOR FREQUENCY
NOTE(3)
1.0
MHz
EFFICIENCY(4)
IOUT = 15mA, VIN = 2.7V, REG711-5.0
90
%
RIPPLE VOLTAGE(1)
IOUT = 50mA
40
mVp-p
ENABLE CONTROL
VIN = 1.8 to 5.5V
Logic High Input Voltage
1.3
VIN
V
Logic Low Input Voltage
–0.2
0.4
V
Logic High Input Current
100
nA
Logic Low Input Current
100
nA
THERMAL SHUTDOWN
Shutdown temperature
160
°C
Shutdown recovery
140
°C
SUPPLY CURRENT
(quiescent current)
IOUT = 0mA
60
100
µA
In Shutdown Mode
VIN = 1.8 to 5.5V, Enable = 0V
0.01
2
µA
TEMPERATURE RANGE
Specification
TA
–40
+85
°C
Operating
TA
–55
+125
°C
Storage
TA
–65
+150
°C
Thermal Resistance,
θ
JA
MSOP-8
150
°C/W
NOTES: (1) Effective series resistance (ESR) of capacitors is < 0.1
Ω. (2) The supply circuit is twice the output short-circuit current. (3) The converter regulates by
enabling and disabling periods of switching cycles. The switching frequency is the oscillator frequency during an active period. (4) See efficiency curves for other
VIN/VOUT configurations.
SPECIFICATIONS
Boldface limits apply over the specified temperature range, TA = –40°C to +85°C
At TA = +25°C, VIN = VOUT/2 + 0.75V, IOUT = 5mA, CIN = COUT = 2.2µF, CPUMP = 0.22µF, VENABLE = 1.3V, unless otherwise noted(1).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com