Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAN-108 Datasheet(PDF) 7 Page - Exar Corporation

Part # DAN-108
Description  UART CRYSTAL OSCILLATOR DESIGN GUIDE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

DAN-108 Datasheet(HTML) 7 Page - Exar Corporation

Back Button DAN-108 Datasheet HTML 3Page - Exar Corporation DAN-108 Datasheet HTML 4Page - Exar Corporation DAN-108 Datasheet HTML 5Page - Exar Corporation DAN-108 Datasheet HTML 6Page - Exar Corporation DAN-108 Datasheet HTML 7Page - Exar Corporation DAN-108 Datasheet HTML 8Page - Exar Corporation DAN-108 Datasheet HTML 9Page - Exar Corporation DAN-108 Datasheet HTML 10Page - Exar Corporation DAN-108 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
E
DATA COMMUNICATIONS APPLICATION NOTE
DAN108
7
EXAR Corporation, 48720 Kato Road, Fremont, CA 94538 Tel 510-668-7000 - Fax 510-668-7017 www.exar.com
7. Crystal Oscillator Circuits
The attraction of a quartz crystal oscillator is its tightly controlled impedance characteristic. A
crystal with a desired series resonant frequency and parallel resonance curve can be
manufactured in mass production. Also, crystals have an extremely high Q factor. For instance a
4 MHz crystal commonly has a Q of about 26000.
By realizing that the impedance of a quartz crystal is solely resistive at Fs, an oscillator as shown
in Figure 7 can be made. Here a second inverter creates the required total 360
° phase shift.
Figure 7: Series Resonant Oscillator
The oscillation frequency is strongly determined by the crystal, since only at Fs does the crystal
add no phase shift. Since the crystal’s resistance is very small at Fs, the oscillator’s energy may
damage the crystal. Hence special crystals need be selected for series resonance use.
At frequencies slightly higher than Fs, the crystal’s impedance is inductive. Hence inserting the
crystal in a
π (pi) configuration with capacitors can achieve the additional 180° phase delay
necessary when used with a single inverter. Figure 8 shows the Parallel Resonant Oscillator.
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com