Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4562MA/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM4562MA/NOPB
Description  LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4562MA/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM4562MA/NOPB Datasheet HTML 17Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 18Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 19Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 20Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 21Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 22Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 23Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 24Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
8.0
8.5
9.0
9.5
10.0
10.5
2.5
4.5
6.5
8.5 10.5 12.5 14.5 16.5 18.5
SUPPLY VOLTAGE (V)
8.0
8.5
9.0
9.5
10.0
10.5
2.5
4.5
6.5
8.5 10.5 12.5 14.5 16.5 18.5
SUPPLY VOLTAGE (V)
4
6
8
10
12
14
2.5
4.5
6.5
8.5 10.5 12.5 14.5 16.5 18.5
SUPPLY VOLTAGE (V)
2
0
8.0
8.5
9.0
9.5
10.0
10.5
2.5
4.5
6.5
8.5 10.5 12.5 14.5 16.5 18.5
SUPPLY VOLTAGE (V)
4
6
8
10
12
14
2.5
4.5
6.5
8.5 10.5 12.5 14.5 16.5 18.5
SUPPLY VOLTAGE (V)
2
0
2
4
6
8
10
12
2.5
4.5
6.5
8.5 10.5 12.5 14.5 16.5 18.5
SUPPLY VOLTAGE (V)
0
LM4562
www.ti.com
SNAS326K – AUGUST 2006 – REVISED DECEMBER 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Output Voltage vs Supply Voltage
Output Voltage vs Supply Voltage
RL = 2kΩ, THD+N = 1%
RL = 600Ω, THD+N = 1%
Figure 99.
Figure 100.
Output Voltage vs Supply Voltage
Supply Current vs Supply Voltage
RL = 10kΩ, THD+N = 1%
RL = 2kΩ
Figure 101.
Figure 102.
Supply Current vs Supply Voltage
Supply Current vs Supply Voltage
RL = 600Ω
RL = 10kΩ
Figure 103.
Figure 104.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM4562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com