Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4665ITL/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM4665ITL/NOPB
Description  LM4665 Filterless High Efficiency 1W Switching Audio Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4665ITL/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM4665ITL/NOPB Datasheet HTML 4Page - Texas Instruments LM4665ITL/NOPB Datasheet HTML 5Page - Texas Instruments LM4665ITL/NOPB Datasheet HTML 6Page - Texas Instruments LM4665ITL/NOPB Datasheet HTML 7Page - Texas Instruments LM4665ITL/NOPB Datasheet HTML 8Page - Texas Instruments LM4665ITL/NOPB Datasheet HTML 9Page - Texas Instruments LM4665ITL/NOPB Datasheet HTML 10Page - Texas Instruments LM4665ITL/NOPB Datasheet HTML 11Page - Texas Instruments LM4665ITL/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LM4665
SNAS146E – FEBRUARY 2002 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
PSRR vs Frequency
PSRR vs Frequency
VDD = 5V, RL = 8Ω + 33µH
VDD = 3V, RL = 8Ω + 33µH
VCM = 100mVRMSSine Wave, 22kHz BW
VCM = 100mVRMSSine Wave, 22kHz BW
Figure 17.
Figure 18.
Efficiency (top trace) and
Efficiency (top trace) and
Power Dissipation (bottom trace) vs Output Power
Power Dissipation (bottom trace) vs Output Power
VDD = 5V, RL = 8Ω + 33µH, f = 1kHz, THD < 3%
VDD = 3V, RL = 8Ω + 33µH, f = 1kHz, THD < 2%
Figure 19.
Figure 20.
Efficiency (top trace) and
Power Dissipation (bottom trace) vs Output Power
Gain Threshold Voltages
VDD = 3.3V, RL = 4Ω + 33µH, f = 1kHz, THD < 2%
VDD = 3V - 5V
Figure 21.
Figure 22.
8
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM4665



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com