Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4879ITL/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM4879ITL/NOPB
Description  1.1 Watt Audio Power Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4879ITL/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM4879ITL/NOPB Datasheet HTML 4Page - Texas Instruments LM4879ITL/NOPB Datasheet HTML 5Page - Texas Instruments LM4879ITL/NOPB Datasheet HTML 6Page - Texas Instruments LM4879ITL/NOPB Datasheet HTML 7Page - Texas Instruments LM4879ITL/NOPB Datasheet HTML 8Page - Texas Instruments LM4879ITL/NOPB Datasheet HTML 9Page - Texas Instruments LM4879ITL/NOPB Datasheet HTML 10Page - Texas Instruments LM4879ITL/NOPB Datasheet HTML 11Page - Texas Instruments LM4879ITL/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LM4879, LM4879MMBD, LM4879SDBD
SNAS142G – SEPTEMBER 2001 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
THD+N vs Power Out
THD+N vs Power Out
VDD = 2.6V, RL = 8Ω, f = 1kHz
VDD = 2.6V, RL = 4Ω, f = 1kHz
Figure 13.
Figure 14.
Power Supply Rejection Ratio
Power Supply Rejection Ratio
VDD = 5V
VDD = 3V
Figure 15.
Figure 16.
Power Dissipation
Power Supply Rejection Ratio
vs Output Power
VDD = 2.6V
VDD = 5V
Figure 17.
Figure 18.
8
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM4879 LM4879MMBD LM4879SDBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com