Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48520TL/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM48520TL/NOPB
Description  Boosted Stereo Class D Audio Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48520TL/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM48520TL/NOPB Datasheet HTML 1Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 2Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
3
2
1
VDD
BstFB
Soft
Start
SW_
GND
INR+
INR-
FB_GND
INL-
V1
BstSD
GND
Gain0
A
B
C
4
INL+
SW
PV1
AmpSD
OUTR+
NC
OUTL+
GAIN1
VLimit
OUTR-
PGND
OUTL-
NC
5
D
E
Amp SD
Gain0
V1
PV1
2.7V to 5.0V
BstFB
SW
VDD
D1
L1
2.2 PF
16.2k
40.2k
4.7 PF
330 pF
6.8 PH
Cs1
R2
R1
Cf1
Cs2
V1 = VFB ( 1+ R1/R2)
Gain1
Vlimit
OUTR+
OUTL+
INL-
INL+
INPUT L
1 PF
Ci
1 PF
Ci
1 PF
Ci
Ci
INR-
INR+
INPUT R
1 PF
SW-GND
Boost SD
SS
0.1 PF
Cs
PGND
GND
100 PF
Co
FB-GND
Vlimit
Boost SD
Amp SD
Gain0
Gain1
OUTR-
OUTL-
LM48520, LM48520TLBD
SNAS367C – FEBRUARY 2008 – REVISED APRIL 2013
www.ti.com
Typical Application
Figure 1. Typical LM48520 Audio Amplifier Application Circuit
Connection Diagram
Top View
Figure 2. DSBGA Package
See Package Number YZR0025AAA
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM48520 LM48520TLBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com