Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48557TL/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM48557TL/NOPB
Description  Mono, Bridge-Tied Load, Ceramic Speaker Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48557TL/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM48557TL/NOPB Datasheet HTML 1Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 2Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
3
2
1
A
B
C
D
4
IN-
IN+
I
2
CVDD
PVDD
VCM
RESET
SDA
C1P
SGND
OUT+
SCL
PGND
VDD
OUT-
CPVSS
C1N
3
2
1
A
B
C
D
4
IN-
IN+
I
2
CVDD
PVDD
VCM
RESET
SDA
C1P
SGND
OUT+
SCL
PGND
VDD
OUT-
CPVSS
C1N
VOLUME
CONTROL
IN+
IN-
PVDD
OUT-
OUT+
+2.7V to +4.5V
CIN
CIN
SVDD
I2C
INTERFACE
SDA
SCL
+1.7V to +4.5V
I
2
CVDD
RESET
CHARGE PUMP
C1P
C1N
CPVSS
PGND
SGND
C1
C2
AUDIO INPUT
VCM
CS1
CS2
LM48557
SNAS486D – JULY 2009 – REVISED MAY 2013
www.ti.com
Typical Application
Figure 1. Typical Audio Amplifier Application Circuit
Connection Diagram
Figure 2. YZR Package - Top View
Figure 3. YPD Package - Top View
See Package Number YZR001611A
See Package Number YPD001611A
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM48557



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com