Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48580TL/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM48580TL/NOPB
Description  Audio Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48580TL/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM48580TL/NOPB Datasheet HTML 1Page - Texas Instruments LM48580TL/NOPB Datasheet HTML 2Page - Texas Instruments LM48580TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48580TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48580TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48580TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48580TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48580TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48580TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
3
2
1
IN+
IN-
PGND
SGND
SHDN
SW
A
B
C
D
OUT-
GAIN
OUT+
VAMP
VDD
VBST
OUTPUT
STAGE
VDD
VAMP
IN+
IN-
SGND
OUT+
OUT-
+2.5V to +5.5V
CS
CBST
BOOST
CONVERTER
GAIN
STAGE
GAIN
SW
PGND
VBST
L1
SHDN
D1
4.7 PH
1 PF
10:
0.47 PF
0.47 PF
CIN
CIN
6 PF
LM48580
SNAS491A – FEBRUARY 2010 – REVISED MAY 2013
www.ti.com
Typical Application
Figure 1. Typical Application Circuit
Connection Diagram
Figure 2. DSBGA Package
1.46mm x 1.97mm x 0.6mm
Top View
See Package Number YZR0012
2
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM48580



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com