Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48822TLEVAL Datasheet(PDF) 1 Page - Texas Instruments

Part # LM48822TLEVAL
Description  Ground-Referenced Ultra High PSRR Ultra Low Noise 35mW/Channel Stereo Headphone Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48822TLEVAL Datasheet(HTML) 1 Page - Texas Instruments

  LM48822TLEVAL Datasheet HTML 1Page - Texas Instruments LM48822TLEVAL Datasheet HTML 2Page - Texas Instruments LM48822TLEVAL Datasheet HTML 3Page - Texas Instruments LM48822TLEVAL Datasheet HTML 4Page - Texas Instruments LM48822TLEVAL Datasheet HTML 5Page - Texas Instruments LM48822TLEVAL Datasheet HTML 6Page - Texas Instruments LM48822TLEVAL Datasheet HTML 7Page - Texas Instruments LM48822TLEVAL Datasheet HTML 8Page - Texas Instruments LM48822TLEVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM48822, LM48822TLEVAL
www.ti.com
SNAS456C – MAY 2008 – REVISED MAY 2013
LM48822 Boomer ™ Ground-Referenced, Ultra High PSRR, Ultra Low Noise,
35mW/Channel Stereo Headphone Amplifier with Common Mode Sense, and I2C Volume
Control
Check for Samples: LM48822, LM48822TLEVAL
1
FEATURES
DESCRIPTION
The LM48822 is a single supply, ground-referenced
23
•
Ground Referenced Outputs – Eliminates
stereo headphone amplifier designed for portable
Output Coupling Capacitors
devices, such as cell phones, where board space is
•
Common-Mode Sense
at a premium. The LM48822 features TI’s ground-
•
Ultra-High PSRR
referenced architecture, which eliminates the large
DC
blocking
capacitor
required
by
traditional
•
I2C Volume and Mode Control
headphone
amplifiers,
saving
board
space
and
•
High Output Impedance in Shutdown
minimizing system cost.
•
Differential Inputs
The LM48822 features common-mode sensing that
•
Advanced Click-and-Pop Suppression
corrects for any differences between the amplifier
•
Low Supply Current
ground and the potential at the headphone return
terminal, minimizing noise created by any ground
•
Minimum External Components
mismatches.
•
Micro-Power Shutdown
The LM48822 delivers 35mW/channel into a 16
Ω
•
Available in Space-Saving 16-Bump DSBGA
load with <1% THD+N with a 3.6V supply. High
Package
power supply rejection ratio (PSRR), of 110dB at
217Hz, allows the device to operate in noisy
APPLICATIONS
environments
without
additional
power
supply
conditioning. Flexible power supply requirements
•
Mobile Phones
allow operation from 2.4V to 5.5V. The LM48822 has
•
PDAs
a differential inputs for improved noise rejection. High
•
Notebook PCs
output impedance in Shutdown mode, combined with
a charge pump-only mode allows the LM48822's
•
Portable Electronic Devices
outputs to be driven by an external source without
•
MP3 Players
degrading
the
source
signal.
Additionally,
the
LM48822 features a 64-step I2C volume control and
KEY SPECIFICATIONS
mute function. The low power Shutdown mode
•
Output Power/Channel at VDD = 3.6V
reduces supply current consumption to 0.06µA.
–
RL = 16Ω, THD+N ≤ 1%: 35mW (typ)
Superior click and pop suppression eliminates audible
transients on power-up/down and during shutdown.
•
Output Power/Channel at VDD = 3.6V
The LM48822 is available in an ultra-small 16-bump
–
RL = 32Ω, THD+N ≤ 1%: 40mW (typ)
DSBGA package (2mmx2mm).
•
Quiescent Power Supply Current at 3.6V:
3.5mA (typ)
•
PSRR at 217Hz: 110dB (typ)
•
Shutdown Current: 0.06
μA (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
is a trademark of ~ Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM48822TLEVAL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48822TLEVAL TI1-LM48822TLEVAL Datasheet
1,012Kb / 25P
Ground-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier
LM48822TLEVAL TI2-LM48822TLEVAL Datasheet
564Kb / 22P
LM48822 Boomer ™ Ground-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier with Common Mode Sense, and I2C Volume
REVISED MAY 2013
More results

Similar Description - LM48822TLEVAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4926 NSC-LM4926 Datasheet
1Mb / 22P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM48822 NSC-LM48822 Datasheet
582Kb / 22P
Ground-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier with CommonMode Sense, and I2C Volume Control
LM48860 NSC-LM48860 Datasheet
423Kb / 18P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Texas Instruments
LM48820 TI1-LM48820_14 Datasheet
994Kb / 19P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48822 TI1-LM48822_14 Datasheet
1,012Kb / 25P
Ground-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier
LM48860 TI1-LM48860_14 Datasheet
1,014Kb / 24P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48861 TI1-LM48861_14 Datasheet
845Kb / 20P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
LM48860 TI1-LM48860 Datasheet
1,017Kb / 21P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48861 TI1-LM48861 Datasheet
851Kb / 20P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com