Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAN-130 Datasheet(PDF) 7 Page - Exar Corporation

Part # DAN-130
Description  EXAR?셎 DUARTS COMPARED WITH TI?셎 TL16C752B
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

DAN-130 Datasheet(HTML) 7 Page - Exar Corporation

Back Button DAN-130 Datasheet HTML 3Page - Exar Corporation DAN-130 Datasheet HTML 4Page - Exar Corporation DAN-130 Datasheet HTML 5Page - Exar Corporation DAN-130 Datasheet HTML 6Page - Exar Corporation DAN-130 Datasheet HTML 7Page - Exar Corporation DAN-130 Datasheet HTML 8Page - Exar Corporation DAN-130 Datasheet HTML 9Page - Exar Corporation DAN-130 Datasheet HTML 10Page - Exar Corporation DAN-130 Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DATA COMMUNICATIONS APPLICATION NOTE
DAN130
7
1.3.3.1
Summary of Differences Between the XR16L2751 and TL16C752B
Some differences between the XR16L2751 and TL16C752B are summarized in the table below.
TABLE 6: DIFFERENCES BETWEEN EXARS XR16L2751 WITH TI’S TL16C752B
COMPARISON
XR16L2751
TL16C752B
Data Bus Standard
Intel and Motorola
Intel
Device ID and Revision
Device ID and Revision
N/A
Power Supply Operation
2.5, 3.3 and 5 V
3.3 V only
3.3 V Operation with 5 V Tolerance
3.3 V Operation with 5 V Tolerance
N/A
Max Operating Current
2.7 mA @ 2.5 V
2.7 mA @ 3.3 V
4 mA @ 5 V
20 mA @ 3.3 V
Max Frequency on XTAL1
24 MHz @ 2.5 V
33 MHz @ 3.3 V
50 MHz @ 5 V
48 MHz @ 3.3 V
Data Sampling Rates
16X or 8X
16X
BRG Prescaler
1 or 4
1 or 4
Max Data Rate
3 Mbps @ 2.5 V at 8X
4 Mbps @ 3.3 V at 8X
6.25 Mbps @ 5 V at 8X
3 Mbps @ 3.3 V
Package
48-TQFP, 44-PLCC
48-LQFP
Operating Temperature Ranges
Commercial and Industrial
Commercial and Industrial
48-QFP package thickness
1.2 mm
1.6 mm
TX/RX FIFO Size
64
64
TX/RX Trigger Tables
4 Trigger Tables
2 Trigger Tables
TX/RX FIFO Interrupt Trigger Levels
Programmable (Table D)
4 Selectable (Tables A-C)
16 Selectable (TLR)
4 Selectable (TLR = 0)
TX/RX FIFO Counters
TX/RX FIFO Counters
N/A
Single FIFO Ready Status Register
N/A
FIFO Ready Status Register
Hardware Flow Control
Auto RTS/CTS Flow Control
Auto RTS/CTS Flow Control
Software Flow Control
Auto Xon/Xoff Flow Control
Auto Xon/Xoff Flow Control
Auto Hysteresis Level
16 Selectable Levels
±N from the trigger level
16 Selectable Levels
Select Upper and Lower Hysteresis
Levels irrespective of trigger level
Infrared Mode
IrDA encoder/decoder (ver 1.0)
N/A
Sleep Mode
Sleep Mode with Auto Wake-up
Sleep Mode with Auto Wake-up
Powersave Mode
Powersave Mode
N/A
Diagnostic Modes
Local loopback
Local Loopback
RS485 Mode
Auto RS485 Mode
N/A
LSR bits 4-2 Interrupt Generation
Immediate or Delayed
Delayed



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com