Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAN-132 Datasheet(PDF) 7 Page - Exar Corporation

Part # DAN-132
Description  EXAR?셎 SINGLE CHANNEL UARTS COMPARED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

DAN-132 Datasheet(HTML) 7 Page - Exar Corporation

  DAN-132 Datasheet HTML 1Page - Exar Corporation DAN-132 Datasheet HTML 2Page - Exar Corporation DAN-132 Datasheet HTML 3Page - Exar Corporation DAN-132 Datasheet HTML 4Page - Exar Corporation DAN-132 Datasheet HTML 5Page - Exar Corporation DAN-132 Datasheet HTML 6Page - Exar Corporation DAN-132 Datasheet HTML 7Page - Exar Corporation DAN-132 Datasheet HTML 8Page - Exar Corporation DAN-132 Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DATA COMMUNICATIONS APPLICATION NOTE
DAN132
7
1.3.5
Firmware Differences Between the TL16C550C and XR16C850
The internal registers in the TL16C550C and XR16C850 are similar but with some exceptions:
R = Read-Only, W = Write-Only, R/W = Read/Write
TABLE 7: XR16C850 AND TL16C550C REGISTER SET DIFFERENCES
A2:A0
R/W
XR16C850
TL16C550C
LCR Bit-7 = 0
001
R/W
Interrupt Enable Register (IER)
Bit-7 = Auto CTS# Interrupt Enable
Bit-6 = Auto RTS# Interrupt Enable
Bit-5 = Xoff Interrupt Enable
Interrupt Enable Register (IER)
Bit-7 = Not Used
Bit-6 = Not Used
Bit-5 = Low Power Mode
010
W
FIFO Control Register (FCR)
Bit-5 = TX FIFO Trigger Level Select Bit-1
Bit-4 = TX FIFO Trigger Level Select Bit-0
FIFO Control Register (FCR)
Bit-5 = 64 Byte FIFO Enable
Bit-4 = Not Used
010
R
Interrupt Status Register (ISR)
Bit-5 = Auto RTS/CTS Interrupt
Bit-4 = Xoff or Special Character Interrupt
Interrupt Status Register (ISR)
Bit-5 = 64 Byte FIFO Enabled
Bit-4 = Not Used
100
R/W
Modem Control Register (MCR)
Bit-7 = BRG Prescaler
Bit-6 = IR Mode Enable
Bit-5 = XonAny
Bit-3 = OP2 Control/INT Output Enable in PC Mode
Bit-2 = OP1 Control/Auto RS485 Enable
Modem Control Register (MCR)
Bit-7 = Not Used
Bit-6 = Not Used
Bit-5 = Auto RTS/CTS Flow Control
Enable
Bit-3 = OP2 Control
Bit-2 = OP1 Control
LCR Bit-7 = 0, FCTR Bit-6 = 1
111
W
Enhanced Mode Select Register (EMSR)
RX/TX DMA Select, FLVL select - TX or RX FIFO
N/A
111
R
FIFO Level Register (FLVL)
Current Level of the TX or RX FIFO
N/A
LCR Bit-7 = 0, DLL = 0x00, DLM = 0x00
000
R
Device Revision (DREV)
N/A
001
R
Device ID (DVID)
N/A
LCR = 0xBF
000
R
FIFO Data Count Register (FC)
N/A
000
W
Trigger Level Register (TRG)
Programmable Trigger Levels 1-64 for TX and RX FIFO
N/A
001
R/W
Feature Control Register (FCTR)
RX/TX Programmable Trigger Level Select, Scratchpad
Swap, Trigger Table Select, Auto RS485 Enable, RX IR
Input Inversion, Auto RTS Hysteresis Select (LSB)
N/A
010
R/W
Enhanced Feature Register (EFR)
Auto RTS/CTS Enable, Enhanced Functions Enable,
Software Flow Control Select
N/A
100
R/W
XON1
N/A
101
R/W
XON2
N/A
110
R/W
XOFF1
N/A
111
R/W
XOFF2
N/A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com