Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAN-133 Datasheet(PDF) 7 Page - Exar Corporation

Part # DAN-133
Description  EXAR?셎 QUARTS COMPARED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

DAN-133 Datasheet(HTML) 7 Page - Exar Corporation

  DAN-133 Datasheet HTML 1Page - Exar Corporation DAN-133 Datasheet HTML 2Page - Exar Corporation DAN-133 Datasheet HTML 3Page - Exar Corporation DAN-133 Datasheet HTML 4Page - Exar Corporation DAN-133 Datasheet HTML 5Page - Exar Corporation DAN-133 Datasheet HTML 6Page - Exar Corporation DAN-133 Datasheet HTML 7Page - Exar Corporation DAN-133 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DATA COMMUNICATIONS APPLICATION NOTE
DAN133
7
1.4.4.1
Summary of Differences Between the XR16C854 and TL16C554A
The differences between the XR16C854 and TL16C554A are summarized in the table below.
TABLE 6: DIFFERENCES BETWEEN EXARS XR16C854 WITH TI’S TL16C554A
COMPARISON
XR16C854
TL16C554A
Data Bus Standard
Intel and PC Mode
Intel
Device ID and Revision
Device ID and Revision
N/A
Power Supply Operation
3.3 and 5 V
3.3 and 5 V
Max Operating Current
2.7 mA @ 3.3 V
4 mA @ 5 V
40 mA @ 3.3 V
50 mA @ 5 V
Max Frequency on XTAL1
22 MHz @ 3.3 V
33 MHz @ 5 V
14 MHz @ 3.3 V
16 MHz @ 5 V
Data Sampling Rates
16X
16X
BRG Prescaler
1 or 4
1
Max Data Rate
1.375 Mbps @ 3.3 V
2 Mbps @ 5 V
875 Kbps @ 3.3 V
1 Mbps @ 5V
Package
68-PLCC, 64-TQFP, 100-QFP
68-PLCC, 80-PQFP
Operating Temperature Ranges
Commercial and Industrial
Commercial Only
TX/RX FIFO Size
128
16
TX/RX Trigger Tables
4 Trigger Tables
1 Trigger Table
TX FIFO Interrupt Trigger Levels
Programmable (Table D)
4 Selectable (Tables A-C)
1
RX FIFO Interrupt Trigger Levels
Programmable (Table D)
4 Selectable (Tables A-C)
4 Selectable
TX/RX FIFO Counters
TX/RX FIFO Counters
N/A
Hardware Flow Control
Auto RTS/CTS Flow Control
Auto RTS/CTS Flow Control
Software Flow Control
Auto Xon/Xoff Flow Control
N/A
Auto Hysteresis Level
16 Selectable Levels
N/A
Infrared Mode
IrDA encoder/decoder (ver 1.0)
N/A
Sleep Mode
Sleep Mode with Auto Wake-up
N/A
Diagnostic Modes
Local loopback
Local Loopback
RS485 Mode
Auto RS485 Mode
N/A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com