Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAN-138 Datasheet(PDF) 7 Page - Exar Corporation

Part # DAN-138
Description  EXAR?셎 XR16L2550 AND XR16L2551 COMPARED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

DAN-138 Datasheet(HTML) 7 Page - Exar Corporation

  DAN-138 Datasheet HTML 1Page - Exar Corporation DAN-138 Datasheet HTML 2Page - Exar Corporation DAN-138 Datasheet HTML 3Page - Exar Corporation DAN-138 Datasheet HTML 4Page - Exar Corporation DAN-138 Datasheet HTML 5Page - Exar Corporation DAN-138 Datasheet HTML 6Page - Exar Corporation DAN-138 Datasheet HTML 7Page - Exar Corporation DAN-138 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DATA COMMUNICATIONS APPLICATION NOTE
DAN138
7
1.4
REPLACING THE TL16C752B WITH THE XR16L2550 OR XR16L2551
You can directly replace TI’s TL16C752B with Exar’s XR16L2550 with minimal hardware changes if using the
48-LQFP package. Also, you can replace the TL16C752B with the XR16L2551 if the two extra input pins are
tied to GND or VCC appropriately as discussed in Table 2. The crystal oscillator circuitry will work in most cas-
es, but it may be necessary to modify the oscillator circuitry as well.
The software may need to be updated if the existing design is using the Halt and Resume Transmission Levels
of the TL16C752B since the XR16L2550 and XR16L2551 do not have that feature. Software updates are also
needed if infrared mode of the Exar 2-channel UARTs are used since that feature is not available in the
TL16C752B.
The TL16C752B is a 3.3 V device only, but can be replaced by any of the Exar 2-channel UARTs because they
can operate from 2.25 V to 5.5 V. At any voltage, the Exar 2-channel UARTs have a lower power consumption
than the TL16C752B.
There should not be any timing problems replacing the TL16C752B with the Exar 2-channel UARTs because
they are more flexible than the TL16C752B as described in the bus timing section.
1.5
TL16C752B KNOWN DEFICIENCIES
The TL16C752B has two known deficiencies and are directly stated in TI’s datasheet.
On page 12 of the TL16C752B’s datasheet dated “December 1999 - Revised August 2000,” TI gives a note ad-
vising not to write to Baud Rate Divisors DLL and DLH (DLM) while in sleep mode. Exar 2-channel UARTs do
not have any such problems.
On page 22 of the TL16C752B datasheet, they describe a “timing error condition” in non-FIFO mode where the
LSR and IIR (ISR) reports a data byte as available to read from the RHR, but there is no valid data ready to be
read from the RHR. The Exar 2-channel UARTs do not have this problem in FIFO or non-FIFO mode.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com