Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAN-170 Datasheet(PDF) 7 Page - Exar Corporation

Part # DAN-170
Description  MIGRATING TO EXAR?셎 FIFTH GENERATION UARTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

DAN-170 Datasheet(HTML) 7 Page - Exar Corporation

  DAN-170 Datasheet HTML 1Page - Exar Corporation DAN-170 Datasheet HTML 2Page - Exar Corporation DAN-170 Datasheet HTML 3Page - Exar Corporation DAN-170 Datasheet HTML 4Page - Exar Corporation DAN-170 Datasheet HTML 5Page - Exar Corporation DAN-170 Datasheet HTML 6Page - Exar Corporation DAN-170 Datasheet HTML 7Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
NOTICE
EXAR Corporation reserves the right to make changes to the products contained in this publication in order
to improve design, performance or reliability. EXAR Corporation assumes no responsibility for the use of
any circuits described herein, conveys no license under any patent or other right, and makes no represen-
tation that the circuits are free of patent infringement. Charts and schedules contained here in are only for
illustration purposes and may vary depending upon a user’s specific application. While the information in
this publication has been carefully checked; no responsibility, however, is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support applications where
the failure or malfunction of the product can reasonably be expected to cause failure of the life support sys-
tem or to significantly affect its safety or effectiveness. Products are not authorized for use in such applica-
tions unless EXAR Corporation receives, in writing, assurances to its satisfaction that: (a) the risk of injury
or damage has been minimized; (b) the user assumes all such risks; (c) potential liability of EXAR Corpo-
ration is adequately protected under the circumstances.
Copyright 2004 EXAR Corporation
August 2004
Send your UART technical inquiry with technical details to hotline:
uarttechsupport@exar.com
Reproduction, in part or whole, without the prior written consent of EXAR Corporation is prohibited.
5.0
SUMMARY
From the above discussion, it is clear that the XR16L784/788 devices have many advantages from both
hardware and software point of view. To sum up, these devices deliver higher performance through the fol-
lowing:
q
higher integration (one chip 788 vs. two chips 554/654/854’s)
s
less board space
q
simpler interface with the CPU
s
single chipselect
s
single interrupt to the CPU
q
ability to interface with both 3.3V and 5V devices
s
5V tolerant inputs (all inputs except XTAL1)
q
less CPU bandwidth requirement (faster interrupt parsing)
s
Global Interrupt Registers for quicker interrupt service



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com