Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI5100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STI5100
Description  Low-cost interactive set-top box decoder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5100 Datasheet(HTML) 1 Page - STMicroelectronics

  STI5100 Datasheet HTML 1Page - STMicroelectronics STI5100 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA BRIEF
May 2004
1/2
STi5100
Low-cost interactive set-top box decoder
®
Description
The STi5100 provides the power and features
required to meet the specifications of the most
demanding broadcasters and can be used in
satellite, terrestrial, cable or IP set-top boxes. The
STi5100 also provides a USB2.0 host interface
which allows consumers to connect a wide range of
peripherals to their STB such as digital cameras,
memory sticks, printers and hard disk drives for DVR
applications
The STi5100 features the ST20 CPU that is
standard across the OMEGA range but boosts the
clock speed to 243MHz which, when combined with
the DDR memory interface, gives the new device
exceptional levels of performance. The new chip
also includes a unified DDR memory interface and a
modem interface compatible with Silicon
Laboratories’ silicon DAA.
.
Application: Cost effective set-top box with optional hard disk
STi5100
Transport
stream in
VCR
PSTN
QPSK ZIF Rx
STV0399
Smart
Cards
Smart
cards
Flash
IR Tx/Rx
128 Mbit
DDR
RGB
CVBS/YC
SiLabs
DAA
Transport
stream in
QPSK ZIF Rx
STV0399
HDD
USB
port
(Optional)


Similar Part No. - STI5100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI5105-REF/S STMICROELECTRONICS-STI5105-REF/S Datasheet
110Kb / 3P
Low-cost interactive set-top box decoder
Mar-2005
STI5105-REF/T STMICROELECTRONICS-STI5105-REF/T Datasheet
110Kb / 3P
Low-cost interactive set-top box decoder
Mar-2005
STI5105 STMICROELECTRONICS-STI5105_08 Datasheet
76Kb / 5P
High-performance advanced SD decoder for set-top box
Nov-2008
STI5107 STMICROELECTRONICS-STI5107 Datasheet
274Kb / 14P
Low-cost interactive set-top box decoder
05-Dec-2006
More results

Similar Description - STI5100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM5118 STMICROELECTRONICS-STM5118 Datasheet
202Kb / 3P
Low-cost interactive FTA set-top box decoder
Rev. 1
STM5105 STMICROELECTRONICS-STM5105 Datasheet
110Kb / 3P
Low-cost interactive set-top box decoder
Mar-2005
STI5107 STMICROELECTRONICS-STI5107 Datasheet
274Kb / 14P
Low-cost interactive set-top box decoder
05-Dec-2006
STM7710 STMICROELECTRONICS-STM7710 Datasheet
363Kb / 23P
Single-chip, low-cost HD set-top box decoder
25-Aug-2006
STI5517 STMICROELECTRONICS-STI5517 Datasheet
95Kb / 3P
Low-cost set-top box decoder
Oct-2004
STI7101 STMICROELECTRONICS-STI7101 Datasheet
149Kb / 9P
Low-cost HDTV set-top box decoder for H.264
11-Sep-2008
STI7141 STMICROELECTRONICS-STI7141 Datasheet
79Kb / 6P
HD decoder for interactive digital cable set-top box
09-Sep-2008
STI5118 STMICROELECTRONICS-STI5118 Datasheet
72Kb / 5P
Low-cost interactive FTA set-top box decoder
17-Nov-2008
STI5162 STMICROELECTRONICS-STI5162 Datasheet
65Kb / 7P
Low-cost interactive set-top box decoder
10-Apr-2009
STI5167 STMICROELECTRONICS-STI5167 Datasheet
67Kb / 8P
Low-cost interactive set-top box with advanced features
10-Apr-2009
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com