Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL322C Datasheet(PDF) 3 Page - Texas Instruments

Part # TL322C
Description  DUAL LOW-POWER OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL322C Datasheet(HTML) 3 Page - Texas Instruments

  TL322C Datasheet HTML 1Page - Texas Instruments TL322C Datasheet HTML 2Page - Texas Instruments TL322C Datasheet HTML 3Page - Texas Instruments TL322C Datasheet HTML 4Page - Texas Instruments TL322C Datasheet HTML 5Page - Texas Instruments TL322C Datasheet HTML 6Page - Texas Instruments TL322C Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TL322C, TL322I
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
SLOS086 – D2567, OCTOBER 1979 – REVISED OCTOBER 1990
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
3
electrical characteristics at specified free-air temperature, VCC± = 15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TL322C
TL322I
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO = 0,
25
°C
2
10
2
8
mV
VIO
Input offset voltage
RS = 50 Ω
Full range
12
10
mV
αVIO
Temperature coefficient of
VO = 0,
25
°C
10
10
µV/°C
αVIO
input offset voltage
O
RS = 50 Ω
25
°C
10
10
µV/°C
IIO
Input offset current
VO =0
25
°C
30
50
30
75
nA
IIO
Input offset current
VO = 0
Full range
200
250
nA
αIIO
Temperature coefficient of
VO =0
25
°C
50
50
pA/
°C
αIIO
input offset current
VO = 0
50
50
pA/
°C
IIB
Input bias current
VO =0
25
°C
– 0.2
– 0.5
– 0.2
– 0.5
µA
IIB
Input bias current
VO = 0
Full range
– 0.8
–1
µA
Common mode input
VCC –
VCC –
VCC –
VCC –
VICR
Common-mode input
voltage range‡
25
°C
to
to
to
to
V
voltage range‡
13
13.5
13
13.5
RL = 10 kΩ
25
°C
±12
±13.5
±12
±12.5
VOM
Peak output voltage swing
RL =2kΩ
25
°C
±10
±13
±10
±12
V
RL = 2 kΩ
Full range
±10
±10
AVD
Large-signal differential
VO = ± 10 V,
25
°C
20
200
20
200
AVD
gg
voltage amplification
O
,
RL = 2 kΩ
Full range
15
15
V/mV
VO(PP) = 20 V,
BOM
Maximum-output-
AVD = 1,
25
°C
9
9
kHz
BOM
swing bandwidth
THD
≤ 5%,
25
°C
9
9
kHz
RL = 2 kΩ
B1
Unity gain bandwidth
VO = 50 mV,
25
°C
1
1
MHz
B1
Unity-gain bandwidth
O
RL = 10 kΩ
25
°C
1
1
MHz
φ
Phase margin
RL = 2 kΩ,
25
°C
60
°
60
°
φ
m
Phase margin
CL = 200 pF
25
°C
60
°
60
°
ri
Input resistance
f = 20 Hz
25
°C
0.3
1
0.3
1
M
Ω
ro
Output resistance
f = 20 Hz
25
°C
75
75
Ω
CMRR
Common-mode
VIC = VICR min,
25
°C
70
90
70
90
dB
CMRR
rejection ratio
RS = 50 Ω
25
°C
70
90
70
90
dB
Supply voltage sensitivity
VCC = ± 2.5 V to
kSVS
Supply voltage sensitivity
(
∆VIO/ ∆VCC)
±15 V,
25
°C
30
150
30
150
µV/V
(
∆VIO/ ∆VCC)
RS = 50 Ω
IOS
Short-circuit output current§
VO = 0
25
°C
±10
±30
±45
±10
±30
±45
mA
ICC
Total supply current
VO = 0,
25
°C
14
4
14
4
mA
ICC
Total supply current
No load
25
°C
1.4
4
1.4
4
mA
† All characteristics are under open-loop conditions unless otherwise noted. Full range for TA is 0°C to 70°C for TL322C and –40°C to 85°C for
TL322I.
‡ The VICR limits are directly linked volt-for-volt to supply voltage; the positive limit is 2 V less than VCC+.
§ Temperature and/or supply voltages must be limited to ensure that the dissipation rating is not exceeded.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com