Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL322CD Datasheet(PDF) 5 Page - Texas Instruments

Part # TL322CD
Description  DUAL LOW-POWER OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL322CD Datasheet(HTML) 5 Page - Texas Instruments

  TL322CD Datasheet HTML 1Page - Texas Instruments TL322CD Datasheet HTML 2Page - Texas Instruments TL322CD Datasheet HTML 3Page - Texas Instruments TL322CD Datasheet HTML 4Page - Texas Instruments TL322CD Datasheet HTML 5Page - Texas Instruments TL322CD Datasheet HTML 6Page - Texas Instruments TL322CD Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TL322C, TL322I
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
SLOS086 – D2567, OCTOBER 1979 – REVISED OCTOBER 1990
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
5
TYPICAL CHARACTERISTICS†
0
–75
TA – Free-Air Temperature – °C
VCC
± – Supply Voltage – V
0
50
100
150
200
250
– 50
– 25
0
25
50
75
100
125
250
200
150
100
50
0
2
4
8
10121416
6
VCC
± = ±15 V
TA = 25°C
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
INPUT BIAS CURRENT
vs
SUPPLY VOLTAGE
225
175
125
75
25
225
175
125
75
25
Figure 2
Figure 3
VCC
± – Supply Voltage – V
0
0
1 k
f – Frequency – Hz
5
10
15
20
25
30
2
4
6
8
10
12
14
16
30
25
20
15
10
5
0
10 k
100 k
1 M
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE
vs
FREQUENCY
RL = 10 kΩ
TA = 25°C
CL = 0
VCC
± = ±15 V
RL = 10 kΩ
TA = 25°C
See Figure 1
Figure 4
Figure 5
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com