Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL082 Datasheet(PDF) 2 Page - BeRex Corporation

Part # BL082
Description  5-4000 MHz Wideband Low Nosie Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BL082 Datasheet(HTML) 2 Page - BeRex Corporation

  BL082 Datasheet HTML 1Page - BeRex Corporation BL082 Datasheet HTML 2Page - BeRex Corporation BL082 Datasheet HTML 3Page - BeRex Corporation BL082 Datasheet HTML 4Page - BeRex Corporation BL082 Datasheet HTML 5Page - BeRex Corporation BL082 Datasheet HTML 6Page - BeRex Corporation BL082 Datasheet HTML 7Page - BeRex Corporation BL082 Datasheet HTML 8Page - BeRex Corporation BL082 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
Rev. C
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2015 BeRex
V-I Characteristics
5-4000 MHz Wideband Low Nosie Amplifier
BL082
BeRex SOT363 Evaluation Board
*
Dielectric constant _ 4.2 *RF pattern width 52mil *31mil thick FR4 PCB
Absolute Maximum Ratings
Operation of this device above any of these parameters may result in permanent damage.
Parameter
Unit
Rating
Operating Case Temperature
°C
-40 to +85
Storage Temperature
°C
-55 to +155
Junction Temperature
°C
+220
Operating Voltage
V
+6.0
Supply Current
mA
160
Input RF Power
dBm
24
*Without vias under device degrade device performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com