Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8570AV Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8570AV
Description  Timer Clock Peripheral (TCP)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8570AV Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DP8570AV Datasheet HTML 1Page - National Semiconductor (TI) DP8570AV Datasheet HTML 2Page - National Semiconductor (TI) DP8570AV Datasheet HTML 3Page - National Semiconductor (TI) DP8570AV Datasheet HTML 4Page - National Semiconductor (TI) DP8570AV Datasheet HTML 5Page - National Semiconductor (TI) DP8570AV Datasheet HTML 6Page - National Semiconductor (TI) DP8570AV Datasheet HTML 7Page - National Semiconductor (TI) DP8570AV Datasheet HTML 8Page - National Semiconductor (TI) DP8570AV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
AC Electrical Characteristics
VCC e 5V g10% VBB e 3V VPFAIL l VIH CL e 100 pF (unless otherwise specified)
Symbol
Parameter
Min
Max
Units
READ TIMING
tAR
Address Valid Prior to Read Strobe
20
ns
tRW
Read Strobe Width (Note 9)
80
ns
tCD
Chip Select to Data Valid Time
80
ns
tRAH
Address Hold after Read (Note 10)
3
ns
tRD
Read Strobe to Valid Data
70
ns
tDZ
Read or Chip Select to TRI-STATE
60
ns
tRCH
Chip Select Hold after Read Strobe
0
ns
tDS
Minimum Inactive Time between Read or Write Accesses
50
ns
WRITE TIMING
tAW
Address Valid before Write Strobe
20
ns
tWAH
Address Hold after Write Strobe (Note 10)
3
ns
tCW
Chip Select to End of Write Strobe
90
ns
tWW
Write Strobe Width (Note 11)
80
ns
tDW
Data Valid to End of Write Strobe
50
ns
tWDH
Data Hold after Write Strobe (Note 10)
3
ns
tWCH
Chip Select Hold after Write Strobe
0
ns
TIMER 0TIMER 1 TIMING
FTCK
Input Frequency Range
DC
10
MHz
tCK
Propagation Delay Clock to Output
120
ns
tGO
Propagation Delay G0 to G1
100
ns
to Timer Output (Note 12)
O
tPGW
Pulse Width G0 or G1
(Note 12)
25
ns
tGS
Setup Time G0 G1 to TCK (Note 13)
100
ns
INTERRUPT TIMING
tROLL
Clock Rollover to INTR Out is Typically 165 ms
Note 9
Read Strobe width as used in the read timing table is defined as the period when both chip select and read inputs are low Hence read commences when
both signals are low and terminates when either signal returns high
Note 10
Hold time is guaranteed by design but not production tested This limit is not used to calculate outgoing quality levels
Note 11
Write Strobe width as used in the write timing table is defined as the period when both chip select and write inputs are low Hence write commences when
both signals are low and terminates when either signal returns high
Note 12
Timers in Mode 3
Note 13
Guaranteed by design not production tested This limit is not used to calculate outgoing quality levels
AC Test Conditions
Input Pulse Levels
GND to 30V
Input Rise and Fall Times
6 ns (10% – 90%)
Input and Output
13V
Reference Levels
TRI-STATE Reference
Active High a05V
Levels (Note 15)
Active Low b05V
Note 14
CL e 100 pF includes jig and scope capacitance
Note 15
S1 e VCC for active low to high impedance measurements
S1 e GND for active high to high impedance measurements
S1 e open for all other timing measurements
Capacitance (TA e 25 C f e 1 MHz)
Symbol
Parameter
Typ
Units
(Note 16)
CIN
Input Capacitance
5
pF
COUT
Output Capacitance
7
pF
Note 16
This parameter is not 100% tested
Note 17
Output rise and fall times 25 ns max (10%–90%) with 100 pF load
TLF8638 – 23
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com