Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL322CP Datasheet(PDF) 4 Page - Texas Instruments

Part # TL322CP
Description  DUAL LOW-POWER OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL322CP Datasheet(HTML) 4 Page - Texas Instruments

  TL322CP Datasheet HTML 1Page - Texas Instruments TL322CP Datasheet HTML 2Page - Texas Instruments TL322CP Datasheet HTML 3Page - Texas Instruments TL322CP Datasheet HTML 4Page - Texas Instruments TL322CP Datasheet HTML 5Page - Texas Instruments TL322CP Datasheet HTML 6Page - Texas Instruments TL322CP Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TL322C, TL322I
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
SLOS086 – D2567, OCTOBER 1979 – REVISED OCTOBER 1990
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
4
electrical characteristics, VCC+ = 5 V, VCC– = 0 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TL322C
TL322I
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO = 2.5 V, RS = 50 Ω
2
10
8
mV
IIO
Input offset current
VO = 2.5 V
30
50
75
nA
IIB
Input bias current
– 0.2
– 0.5
– 0.5
pA
RL = 10 kΩ
3.3
3.5
3.3
3.5
VOM
Peak output voltage swing‡
RL = 10 kΩ,
VCC –1 7
VCC –1 7
V
VCC + = 5 V to 30 V
VCC + – 1.7
VCC + – 1.7
AVD
Large-signal differential
VO = 1.7 V to 3.3 V,
20
200
20
200
V/mV
AVD
voltage amplification
RL = 2 kΩ
20
200
20
200
V/mV
kSVS
Supply voltage sensitivity
VCC ± 2 5Vto ± 15 V
150
150
µV/V
kSVS
yg
y
(
∆VIO/ ∆VCC+)
VCC = ± 2.5 V to ± 15 V
150
150
µV/V
ICC
Supply current
VO = 2.5 V, No load
1.2
4
1.2
4
mA
V 1 /V 2
Crosstalk attenuation
AVD = 100,
120
120
dB
Vo1 /Vo2
Crosstalk attenuation
f = 1 kHz to 20 kHz
120
120
dB
† All characteristics are specified under open-loop conditions.
‡ Output will swing essentially to ground.
switching characteristics, VCC+ = 15 V, VCC– = – 15 V AVD = 1, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
VI = ± 10 V,
CL = 100 pF, See Figure 1
0.6
V/
µs
tr
Rise time
∆V
50 mV
C
100 pF
R
10 k
Ω
0.35
µs
tf
Fall time
∆VO = 50 mV, CL = 100 pF, RL = 10 kΩ,
See Figure 1
0.35
µs
Overshoot factor
See Figure 1
20%
Crossover distortion
VI(PP) = 30 mV, VO(PP)= 2 V,
f = 10 kHz
1%
PARAMETER MEASUREMENT INFORMATION
RL
CL = 100 pF
VI
Figure 1. Unity-Gain Amplifier



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com