Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS2 Datasheet(PDF) 3 Page - BeRex Corporation

Part # BGS2
Description  50-4000 MHz SILICON GERMANIUM Gain Block
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BGS2 Datasheet(HTML) 3 Page - BeRex Corporation

  BGS2 Datasheet HTML 1Page - BeRex Corporation BGS2 Datasheet HTML 2Page - BeRex Corporation BGS2 Datasheet HTML 3Page - BeRex Corporation BGS2 Datasheet HTML 4Page - BeRex Corporation BGS2 Datasheet HTML 5Page - BeRex Corporation BGS2 Datasheet HTML 6Page - BeRex Corporation BGS2 Datasheet HTML 7Page - BeRex Corporation BGS2 Datasheet HTML 8Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Rev. E
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2015 BeRex
50-4000 MHz SILICON GERMANIUM Gain Block
BGS2
S-Parameter
(Vdevice = 3.0V, Icc = 34mA, T = 25 °C, calibrated to device leads)
Typical Performance (Vd = 3.0V, Ic = 34mA, T = 25°C)
Freq
[MHz]
S11
Mag
S11
Ang
S21
Mag
S21
Ang
S12
Mag
S12
Ang
S22
Mag
S22
Ang
70
-3.69
-52.41
24.13
-121.02
-30.59
82.59
-4.42
-170.10
900
-17.69
34.25
23.38
76.30
-26.60
-28.23
-12.45
142.20
1000
-17.25
22.43
22.95
65.43
-26.52
-34.19
-12.00
136.29
1500
-17.21
-18.66
20.82
16.20
-25.69
-57.19
-10.22
103.27
2000
-19.07
-63.14
19.00
-28.30
-24.73
-82.74
-10.16
73.85
2500
-20.38
-132.94
17.52
-71.11
-23.50
-111.35
-11.80
48.64
3500
-10.04
90.91
15.48
-158.27
-21.28
-175.51
-26.52
64.38
4000
-6.03
26.54
13.56
143.48
-20.97
137.09
-9.21
111.96
Typical Device Data
S-parameters (Vc=3V, Ic=34mA, T=25°C)
Freq
MHz
50
70
900
1900
2140
2450
2650
3500
S21
dB
26.8
26.5
23.6
19.8
19
18.1
17.2
15.0
S11
dB
-18.4
-19.6
-18.3
-18.6
-18.4
-18.1
-17.6
-13.7
S22
dB
-16
-15.6
-12.8
-9.9
-9.4
-10.5
-13.2
-15.7
P1
dBm
15.4
15.6
13.4
12.8
11.2
10.8
10.4
8.7
OIP3
dBm
28.5
28
25.5
24.5
23
22.5
25
19.2
NF
dB
2.7
2.7
2.3
2.2
2.2
2.3
2.5
2.7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com