Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC8650 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # SC8650
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SC8650 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  SC8650 Datasheet HTML 1Page - SamHop Microelectronics Corp. SC8650 Datasheet HTML 2Page - SamHop Microelectronics Corp. SC8650 Datasheet HTML 3Page - SamHop Microelectronics Corp. SC8650 Datasheet HTML 4Page - SamHop Microelectronics Corp. SC8650 Datasheet HTML 5Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
m ohm
3.2
Symbol
Min
Typ
Max
Units
BVSSS
12
V
1
IGSS
±1
uA
VGS(th)
0.5
V
VGS=4.5V , IS=5.0A
RSS(ON)
Source-Source On-State Resistance
ISSS
uA
Gate Threshold Voltage
VSS=VGS , IS=1mA
VSS=10V , VGS=0V
VGS= ±5V , VSS=0V
Zero Gate Voltage Source Current
Gate-Body Leakage Current
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Source-Source Breakdown Voltage
VGS=0V , IS=1mA
ON CHARACTERISTICS
SC8650
1.3
Qg
80
nC
570
38000
17700
tD(ON)
100
ns
tr
ns
tD(OFF)
ns
tf
ns
SWITCHING CHARACTERISTICS
VSS=6V
IS=3A
VGS=4.5V
Total Gate Charge
Rise Time
Turn-Off Delay Time
Fall Time
Turn-On Delay Time
c
VSS=6V,IS=18A,
VGS=4.5V
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
VFSS
Diode Forward Voltage
VGS=0V,IS=3A
0.75
1.2
V
Note
a.Mounted on FR4 board of 25.4mm x 25.4mm x 1.0mm.
b.Pulse Test:Pulse Width < 10us, Duty Cycle < 1%.
c.Guaranteed by design, not subject to production testing.
www.samhop.com.tw
Jul,07,2015
2
m ohm
VGS=4.0V , IS=5.0A
2.5
__
Preliminary
VGS=3.8V , IS=5.0A
VGS=3.1V , IS=5.0A
VGS=2.5V , IS=5.0A
1.8
3.3
2.6
1.9
3.4
2.8
2.0
5.0
3.2
2.1
7.0
4.0
2.7
m ohm
m ohm
m ohm
gFS
19
S
VSS=6V , IS=3A
Forward Transconductance



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com