Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSO Datasheet(PDF) 1 Page - Samtec, Inc

Part # JSO
Description  MICRO JACK SCREW STAND-OFF
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

JSO Datasheet(HTML) 1 Page - Samtec, Inc

  JSO Datasheet HTML 1Page - Samtec, Inc JSO Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THIS DOCUMENT CONTAINS CONFIDENTIAL AND
PROPRIETARY INFORMATION AND ALL DESIGN,
MANUFACTURING, REPRODUCTION, USE, PATENT RIGHTS
AND SALES RIGHTS ARE EXPRESSLY RESERVED BY SAMTEC,
INC. THIS DOCUMENT SHALL NOT BE DISCLOSED, IN WHOLE
OR PART, TO ANY UNAUTHORIZED PERSON OR ENTITY NOR
REPRODUCED, TRANSFERRED OR INCORPORATED IN ANY
OTHER PROJECT IN ANY MANNER WITHOUT THE EXPRESS
WRITTEN CONSENT OF SAMTEC, INC.
PROPRIETARY NOTE
*
*
DESIGNED & DIMENSIONED
IN MILLIMETERS[INCHES]
PATENT PENDING
DO NOT
SCALE FROM
THIS PRINT
BOARD STACK HEIGHT
*-0500, *-0700, *-0800,
*-1100, -1524
LEAD STYLE
*-01: PRESS-IN (NOT AVAILABLE FOR -0700,
-0800 & -1524 BOARD STACK HEIGHTS)
-02: THREADED (NOT AVAILABLE FOR -0500
& -1100 BOARD STACK HEIGHTS)
(SEE SHT 2, FIG 3)
JSOM-XXXX-XX
* = NOT TOOLED
4.76 .187
HEX REF
1.60 .063 REF
6.00 .236 REF
5.00 .197
HEX REF
4.70 .185
REF
"B"
REF
3.80 .150
REF
"A"
REF
SN-01-02
JSOM-T-X.XX
JSOM-B-XX.XX-01
"C"±0.05[.002]
FIG 2
APPLICATION VIEW
1.50 .059 HEX REF
INTERNAL HEX
MUST BE
LOCATED AS
SHOWN
FIG 1
JSOM-0500-01 SHOWN
SHEET OF
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN MILLIMETERS.
TOLERANCES ARE:
DECIMALS
ANGLES
X.X: 0.3 [.01]
2
X.XX: 0.13 [.005]
X.XXX: 0.051 [.0020]
MATERIAL:
MICRO JACK SCREW STAND-OFF
BY:
JSOM-XXXX-XX
DWG. NO.
DESCRIPTION:
DO NOT SCALE DRAWING
JESSIE W
7/28/2015
2
1
SHEET SCALE: 4:1
c:\enterprisevault\DWG\MISC\MKTG\JSOM-XXXX-XX-MKT.SLDDRW
NOTES:
1.
REPRESENTS CRITICAL DIMENSION
2. STANDOFFS TO BE USED WITH 1.57[.062]MIN THICK BOARDS.
3. COMPONENTS ARE TO BE BULK PACKAGED IN SEPARATE BAGS AND SHOULD
NOT LIST INDIVIDUAL COMPONENT QUANTITY ON THE LABEL. ALL COMPONENT
BAGS ARE TO BE PACKAGED IN A LARGER BAG WITH THE FINAL PART NUMBER
QUANTITY OF ASSEMBLIES ON THE LABEL.
4. STANDOFFS ARE DESIGNED 0.15MM LONGER THAN CONNECTOR
STACK HEIGHTS TO ALLOW FOR PROCESSING VARIABLES.
5. TORQUE TO 2.5 – 3.5 IN*LBS TO SECURE FASTENER IN A STATIC ENVIRONMENT
ASSUMING RECOMMENDED BOARD TO BOARD DISTANCES ARE ACHIEVED
WITHOUT DAMAGE TO THE PCB, HARDWARE OR OTHER COMPONENTS.
520 PARK EAST BLVD, NEW ALBANY, IN 47150
PHONE: 812-944-6733
FAX: 812-948-5047
e-Mail info@SAMTEC.com
code 55322
STAINLESS STEEL
REVISION A


Similar Part No. - JSO

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JSO-LC-2.5V JAUCH-JSO-LC-2.5V Datasheet
820Kb / 4P
MEMS-Oscillator
JSO-LC-2.8V JAUCH-JSO-LC-2.8V Datasheet
820Kb / 4P
MEMS-Oscillator
JSO-LC-3.0V JAUCH-JSO-LC-3.0V Datasheet
820Kb / 4P
MEMS-Oscillator
JSO-LC-3.3V JAUCH-JSO-LC-3.3V Datasheet
820Kb / 4P
MEMS-Oscillator
JSO15B1TR JAUCH-JSO15B1TR Datasheet
280Kb / 2P
MEMS-TCXO
More results

Similar Description - JSO

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
BOLS003 BOT-BOLS003 Datasheet
33Kb / 2P
3mm LED STAND-OFF
BOLS004 BOT-BOLS004 Datasheet
43Kb / 2P
3mm LED STAND-OFF
BLA3 BOT-BLA3_12 Datasheet
42Kb / 2P
3mm LED STAND-OFF
BLA4 BOT-BLA4_12 Datasheet
44Kb / 2P
3mm LED STAND-OFF
BLA6 BOT-BLA6_12 Datasheet
49Kb / 2P
3mm LED STAND-OFF
BLA8 BOT-BLA8_12 Datasheet
46Kb / 2P
3mm LED STAND-OFF
BLA10 BOT-BLA10_12 Datasheet
48Kb / 2P
3mm LED STAND-OFF
BLA41 BOT-BLA41_12 Datasheet
45Kb / 2P
3mm LED STAND-OFF
BLA61 BOT-BLA61_12 Datasheet
113Kb / 2P
3mm LED STAND-OFF
logo
Richco, Inc.
SHK-6-01 RICHCO-SHK-6-01 Datasheet
47Kb / 1P
STAND-OFF HARNESS CLIP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com