Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF647 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLF647
Description  UHF power LDMOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF647 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLF647 Datasheet HTML 1Page - NXP Semiconductors BLF647 Datasheet HTML 2Page - NXP Semiconductors BLF647 Datasheet HTML 3Page - NXP Semiconductors BLF647 Datasheet HTML 4Page - NXP Semiconductors BLF647 Datasheet HTML 5Page - NXP Semiconductors BLF647 Datasheet HTML 6Page - NXP Semiconductors BLF647 Datasheet HTML 7Page - NXP Semiconductors BLF647 Datasheet HTML 8Page - NXP Semiconductors BLF647 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2001 Nov 27
2
Philips Semiconductors
Product specification
UHF power LDMOS transistor
BLF647
FEATURES
• High power gain
• Easy power control
• Excellent ruggedness
• Source on underside eliminates DC isolators, reducing
common mode inductance
• Designed for broadband operation (HF to 800 MHz)
• Internal input damping for excellent stability over the
whole frequency range.
APPLICATIONS
• Communication transmitter applications in the
HF to 800 MHz frequency range.
DESCRIPTION
Silicon N-channel enhancement mode lateral D-MOS
push-pull transistor in a SOT540A package with ceramic
cap. The common source is connected to the mounting
flange.
PINNING - SOT540A
PIN
DESCRIPTION
1
drain 1
2
drain 2
3
gate 1
4
gate 2
5
source, connected to flange
Fig.1 Simplified outline.
5
12
4
3
Top view
MBK777
QUICK REFERENCE DATA
RF performance at Th =25 °C in a common source test circuit.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
MODE OF
OPERATION
f
(MHz)
VDS
(V)
PL
(W)
Gp
(dB)
η
D
(%)
dim
(dBc)
CW, class-AB
600
28
120
>14.5
>55
−
2-tone,
class-AB
f1 = 600; f2 = 600.1
28
120 (PEP)
>14.5
>40
≤−26
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
−
65
V
VGS
gate-source voltage
−±15
V
ID
drain current (DC)
−
18
A
Ptot
total power dissipation
Tmb ≤ 25 °C
−
290
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
200
°C
CAUTION
This product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport
and handling. For further information, refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A and SNW-FQ-302B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com