Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QFSS Datasheet(PDF) 3 Page - Samtec, Inc

Part # QFSS
Description  QMSS/QFSS High Speed Shielded Terminal 0.635 mm pitch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

QFSS Datasheet(HTML) 3 Page - Samtec, Inc

  QFSS Datasheet HTML 1Page - Samtec, Inc QFSS Datasheet HTML 2Page - Samtec, Inc QFSS Datasheet HTML 3Page - Samtec, Inc QFSS Datasheet HTML 4Page - Samtec, Inc QFSS Datasheet HTML 5Page - Samtec, Inc QFSS Datasheet HTML 6Page - Samtec, Inc QFSS Datasheet HTML 7Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Product Specification
Series:
QMSS/QFSS High Speed Shielded Terminal 0.635 mm pitch
© 2004 Samtec, Inc.
Reviewed by:
JET
Revision: B
Specification:
PSQ-005
Approved by:
JT
Date:2/16/2011
Checked by:
JE
Page 3
5.5
Mechanical Shock per EIA-364-27
5.5.1
No Evidence of Physical Damage seen --- PASS
5.5.2
No Contact Interruptions greater than 1.0 microSec --- PASS
5.5.3
Test Conditions
5.5.3.1 Test Condition: Test Condition "C"
5.5.3.2 Peak Value: 100 G
5.5.3.3
Duration: 6 milliSec
5.5.3.4 Waveform: Half Sine
5.5.3.5 Velocity: 12.3 FPS
5.5.3.6 # Shocks/Direction: 3 Shocks/3 Axes (18 total)
5.6 Vibration per EIA-364-28
5.6.1
No Evidence of Physical Damage seen --- PASS
5.6.2
Change in Signal LLCR did not exceed +15 mOhm --- PASS
5.6.3
No Contact Interruptions greater than 1.0 microSec --- PASS
5.6.4
Test Conditions
5.6.4.1 Test Condition: Test condition V, Letter "B", Random
5.6.4.2 Frequency: 50 to 2000 Hz
5.6.4.3 PSD: 0.04
5.6.4.4 Duration: 2 Hour/Axis, 3 Axes Total
5.6.4.5 G's: 7.56 G rms
5.7 Vibration per EIA-364-28
5.7.1
No Evidence of Physical Damage seen --- PASS
5.7.2
No Contact Interruptions greater than 1.0 microSec --- PASS
5.7.3
Test Conditions
5.7.3.1 Test Condition: B
5.7.3.2 G ‘RMS’: 7.56
5.7.3.3 Frequency: 50 to 2000 Hz
5.7.3.4 Duration: 2 Hour/Axis, 3 Axes Total
5.7.3.5 G's:
6.0 MIXED FLOWING GAS, MFG
6.1 Change in Signal LLCR after 10 days mated did not exceed
+15 mOhm --- PASS
6.1.1
Test Conditions
6.1.1.1 Temperature: 30 C
6.1.1.2 RH: 70%
6.1.1.3 Chlorine, CL2: 10 ppb
6.1.1.4 Nitrogen Oxide, NO2: 200 ppb
6.1.1.5 Hydrogen Sulfide, H2S: 10 ppb
6.1.1.6 Sulfur Dioxide, SO2: 100 ppb



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com