Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8571 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8571
Description  Timer Clock Peripheral (TCP)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8571 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button DP8571 Datasheet HTML 16Page - National Semiconductor (TI) DP8571 Datasheet HTML 17Page - National Semiconductor (TI) DP8571 Datasheet HTML 18Page - National Semiconductor (TI) DP8571 Datasheet HTML 19Page - National Semiconductor (TI) DP8571 Datasheet HTML 20Page - National Semiconductor (TI) DP8571 Datasheet HTML 21Page - National Semiconductor (TI) DP8571 Datasheet HTML 22Page - National Semiconductor (TI) DP8571 Datasheet HTML 23Page - National Semiconductor (TI) DP8571 Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Application Hints
Suggested initialization procedure for DP8571A in battery
backed applications that use the VBB pin
1
Enter the test mode by writinga1tobit D7 in the Period-
ic Flag Register
2
Write zero to the RAMTEST mode Register located in
page 0 address HEX 1F
3
Leave the test mode by writinga0tobit D7 in the Peri-
odic Flag Register Steps 1 2 3 guarantee that if the
test mode had been entered during power on (due to
random pulses from the system) all test mode condi-
tions are cleared Most important is that the OSC Fail
Disable bit is cleared Refer to AN-589 for more informa-
tion on test mode operation
4
After power on (VCC and VBB powered) select the cor-
rect crystal frequency bits (D7 D6 in the Real Time
Mode Register) as shown in Table 1
Table 1
Frequency
D7
D6
32768 KHz
0
0
4194304 MHz
0
1
49152 MHz
1
0
320 KHz
1
1
5
Enter a software loop that does the following
Set a 3 second(approx) software counter The crystal
oscillator may take 1 second to start
51 Writea1tobit D3 in the Real Time Mode Register (try
to start the clock) Make sure the crystal select bits re-
main the same as in step 1 Under normal operation this
bit can be set only if the oscillator is running During the
software loop RAM real time counters output configu-
ration interrupt control and timer functions may be ini-
tialized
6
Test bit D6 in the Periodic Flag Register
IFa1
go to 51 If this bit remains a 1 after 3 seconds
then abort and check hardware The crystal may be
defective or not installed There may be a short at OSC
IN or OSC OUT to VCC or GND or to some impedance
that is less than 10 MX
IFa0
then the oscillator is running go to step 7
7
Writea0tobit D6 in the Periodic Flag Register This
action puts the clock chip in the battery backed mode
This mode can be entered only if the OSC fail flag (bit
D6 of the Periodic Flag Register) is a 0 Reminder bit
D6 is a dual function bit When read D6 returns oscilla-
tor status When written D6 causes either the Battery
Backed Mode or the Single Supply Mode of operation
The only method to ensure the chip is in the battery
backed mode is to measure the waveform at the OSC
OUT pin If the battery backed mode was selected suc-
cessfully then the peak to peak waveform at OSC OUT
is referenced to the battery voltage If not in battery
backed mode the waveform is referenced to VCC The
measurement should be made with a high impedance
low capacitance probe (10 MX 10 pF oscilloscope
probe or better) Typical peak to peak swings are within
06V of VCC and ground respectively
8
Writea1tobit D7 of Interrupt Control Register 1 This
action enables the PFAIL pin and associated circuitry
9
Writea1tobit D4 of the Real Time Mode Register This
action ensures that bit D7 of Interrupt Control Register
1 remains a 1 when VBB l VCC (standby mode)
10 Initialize the rest of the chip as needed
Typical Application
TLF9979 – 24
These components may be necessary to meet UL requirements for lithium batteries Consult battery manufacturer
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com