Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QSE Datasheet(PDF) 2 Page - Samtec, Inc

Part # QSE
Description  0,80 mm (.0315?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

QSE Datasheet(HTML) 2 Page - Samtec, Inc

  QSE Datasheet HTML 1Page - Samtec, Inc QSE Datasheet HTML 2Page - Samtec, Inc QSE Datasheet HTML 3Page - Samtec, Inc QSE Datasheet HTML 4Page - Samtec, Inc QSE Datasheet HTML 5Page - Samtec, Inc QSE Datasheet HTML 6Page - Samtec, Inc QSE Datasheet HTML 7Page - Samtec, Inc QSE Datasheet HTML 8Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Product Specification
Series: QSE / QTE 0,80 mm
(.0315”) Q Strip
® High Speed Ground Plane Socket / Terminal Strips
Revision: C
Date: November 11, 2015
© Samtec, Inc.
Page 2
1.0 SCOPE
1.1 This specification covers performance, testing and quality requirements for Samtec QSE/QTE Series 0,80 mm
(.0315”) Q Strip
®
High Speed Socket/Terminal Strip connector system. These socket and terminal strips are
available in Vertical and Edge Mount configurations for parallel, perpendicular and co-planar board-to-board
applications. All information contained in this specification is for a 5 mm mated height vertical configuration unless
otherwise noted.
2.0 DETAILED INFORMATION
2.1 Product prints, footprints, catalog pages, test reports and other specific, detailed information can be found at
www.samtec.com?QSE and www.samtec.com?QTE.
3.0 TESTING
3.1 Current Rating: Signal: 2A (One Pin Powered Per Row); Ground: 11.6A (One Pin Powered Per Row)
3.2 Voltage Rating: 225 VAC
3.3 Operating Temperature Range: -55°C to +125°C
3.4 Operating Humidity Range: 90% to 95% (Per EIA-364-31)
3.5 Electrical:
ITEM
TEST CONDITION
REQUIREMENT
STATUS
Withstanding Voltage
EIA-364-20 (No Flashover,
Sparkover, or Breakdown)
675 VAC
Pass
Insulation Resistance
EIA-364-21 (1000 MΩ
minimum)
5,000 MΩ
Pass
Contact Resistance
(LLCR)
EIA-364-23
Δ 15 mΩ maximum
(Samtec defined)/ No damage
Pass
3.6 Mechanical:
ITEM
TEST CONDITION
REQUIREMENT
STATUS
Durability
EIA-364-09C
500 cycles (10µ" Au)
Pass
Random Vibration
EIA-364-28 Condition V, Letter B
7.56 G 'RMS', 50 to 2000 Hz, 2
hours per axis, 3 axis total , PSD
0.04
Visual Inspection: No Damage
LLCR: Δ 15 mΩ maximum
Event Detection: No interruption >
50 Nanoseconds
Pass
Mechanical Shock
EIA-364-27 100 G, 6
milliseconds, sawtooth wave,
11.3 fps, 3 shocks/direction, 3
axis (18 total shocks)
Visual Inspection: No Damage
LLCR: Δ 15 mΩ maximum
Event Detection: No interruption >
50 Nanoseconds
Pass
Normal Force
EIA-364-04
30 grams minimum for gold
interface
Pass



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com