Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QSH Datasheet(PDF) 2 Page - Samtec, Inc

Part # QSH
Description  0,50 mm (.0197?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

QSH Datasheet(HTML) 2 Page - Samtec, Inc

  QSH Datasheet HTML 1Page - Samtec, Inc QSH Datasheet HTML 2Page - Samtec, Inc QSH Datasheet HTML 3Page - Samtec, Inc QSH Datasheet HTML 4Page - Samtec, Inc QSH Datasheet HTML 5Page - Samtec, Inc QSH Datasheet HTML 6Page - Samtec, Inc QSH Datasheet HTML 7Page - Samtec, Inc QSH Datasheet HTML 8Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Product Specification
Series: QSH / QTH 0,50 mm
(.0197”) Q Strip
® High Speed Ground Plane Socket / Terminal Strips
Revision: C
Date: November 11, 2015
© Samtec, Inc.
Page 2
1.0 SCOPE
1.1 This specification covers performance, testing and quality requirements for Samtec QSH/QTH Series 0,50 mm
(.0197”) Q Strip
®
High Speed Ground Plane Socket/Terminal Strip connector system. These socket and terminal
strips are available in Vertical, Edge Mount and Right Angle configurations for parallel, perpendicular and coplanar
board-to-board applications. All information contained in this specification is for a 5 mm mated height vertical
configuration unless otherwise noted.
2.0 DETAILED INFORMATION
2.1 Product prints, footprints, catalog pages, test reports and other specific, detailed information can be found at
www.samtec.com?QSH and www.samtec.com?QTH.
3.0 TESTING
3.1 Current Rating: Signal: 2A (One Pin Powered Per Row)
3.2 Voltage Rating: 175 VAC
3.3 Operating Temperature Range: -55°C to +125°C
3.4 Operating Humidity Range: 90% to 95% (Per EIA-364-31)
3.5 Electrical:
ITEM
TEST CONDITION
REQUIREMENT
STATUS
Withstanding Voltage
EIA-364-20 (No Flashover,
Sparkover, or Breakdown)
525 VAC
Pass
Insulation Resistance
EIA-364-21 (1000 MΩ
minimum)
5,000 MΩ
Pass
Contact Resistance
(LLCR)
EIA-364-23
Δ 15 mΩ maximum
(Samtec defined)/ No damage
Pass
3.6 Mechanical:
ITEM
TEST CONDITION
REQUIREMENT
STATUS
Durability
EIA-364-09C
100 cycles (10µ" Au)
Pass
Random Vibration
EIA-364-28 Condition V, Letter B
7.56 G 'RMS', 50 to 2000 Hz, 2
hours per axis, 3 axis total , PSD
0.04
Visual Inspection: No Damage
LLCR: Δ 15 mΩ maximum
Event Detection: No interruption >
50 Nanoseconds
Pass
Mechanical Shock
EIA-364-27 100 G, 6
milliseconds, sawtooth wave,
11.3 fps, 3 shocks/direction, 3
axis (18 total shocks)
Visual Inspection: No Damage
LLCR: Δ 15 mΩ maximum
Event Detection: No interruption >
50 Nanoseconds
Pass
Normal Force
EIA-364-04
30 grams minimum for gold
interface
Pass



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com