Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3221E Datasheet(PDF) 7 Page - Exar Corporation

Part # SP3221E
Description  Intelligent 3.0V to 5.5V RS-232 Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3221E Datasheet(HTML) 7 Page - Exar Corporation

Back Button SP3221E Datasheet HTML 3Page - Exar Corporation SP3221E Datasheet HTML 4Page - Exar Corporation SP3221E Datasheet HTML 5Page - Exar Corporation SP3221E Datasheet HTML 6Page - Exar Corporation SP3221E Datasheet HTML 7Page - Exar Corporation SP3221E Datasheet HTML 8Page - Exar Corporation SP3221E Datasheet HTML 9Page - Exar Corporation SP3221E Datasheet HTML 10Page - Exar Corporation SP3221E Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-7000 • www.exar.com
SP322E_02_0904
PIN DESCRIPTION
Name
Function
Pin #
EN
Receiver Enable, apply logic LOW for normal operation. Apply logic HIGH to
disable receiver output (high-Z state).

C+
Positive terminal of the voltage doubler charge-pump capacitor
2
V+
Regulated +5.5V output generated by charge pump
3
C-
Negative terminal of the voltage doubler charge-pump capacitor
4
C2+
Positive terminal of the inverting charge-pump capacitor
5
C2-
Negative terminal of the inverting charge-pump capacitor
6
V-
Regulated -5.5V output generated by charge pump
7
R
IN
RS-232 receiver input
8
R
OUT
TTL/CMOS receiver output
9
STATUS
TTL/CMOS output indicating online and shutdown status
0
T
IN
TTL/CMOS driver input

ONLINE
Apply logic HIGH to override AUTO ON-LINE ® circuitry keeping driver active
(SHUTDOWN must also be logic HIGH, refer to table 2)
2
T
OUT
RS-232 driver output
3
GND
Ground
4
Vcc
+3.0V to +5.5V supply voltage
5
SHUTDOWN
Apply logic LOW to shut down drivers and charge pump. This overrides all
AUTO ON-LINE ® circuitry and ONLINE (refer to table 2).
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com